Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST13LP05 Datasheet(PDF) 4 Page - Silicon Storage Technology, Inc

Part # SST13LP05
Description  2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST13LP05 Datasheet(HTML) 4 Page - Silicon Storage Technology, Inc

  SST13LP05 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Preliminary Specifications
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP05
©2006 Silicon Storage Technology, Inc.
S71318-00-000
12/06
4
PIN DESCRIPTIONS
TABLE
1: Pin Description
Symbol
Pin No.
Pin Name
Type
Function
GND
0
Ground
Ground Pad
NC
1
No Connection
Unconnected Pin
RFIN_LB
2
I
50
Ω Matched RF Input for Low Band, AC coupled
RFIN_HB
3
I
50
Ω Matched RF Input for High Band, AC coupled
NC
4
No Connection
Unconnected Pin
VREG_HB
5
Power Supply
PWR
Analog current control for High Band
NC
6
No Connection
Unconnected Pin
VCC_HB
7
Power Supply
PWR
VCC Power Supply for High Band
DET_HB
8
O
Detector Voltage Output for High Band
NC
9
No Connection
Unconnected Pin
RFOUT_HB
10
Power Supply
O/PWR 50
Ω Matched RF output for High Band
RFOUT_LB
11
Power Supply
O/PWR 50
Ω Matched RF output for Low Band
NC
12
No Connection
Unconnected Pin
DET_LB
13
O
Detector Voltage Output for Low Band
VCC_LB
14
Power Supply
PWR
VCC Power Supply for Low Band
NC
15
No Connection
Unconnected Pin
VREG_LB
16
Power Supply
PWR
Analog current control for Low Band
T1.0 1318



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com