Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST13LP05 Datasheet(PDF) 10 Page - Silicon Storage Technology, Inc

Part # SST13LP05
Description  2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST13LP05 Datasheet(HTML) 10 Page - Silicon Storage Technology, Inc

Back Button SST13LP05 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 14Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Preliminary Specifications
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP05
©2006 Silicon Storage Technology, Inc.
S71318-00-000
12/06
10
FIGURE 6: Low Band Supply Current versus Output Power
FIGURE 7: Low Band PAE versus Output Power
Supply Current versus Output Power
80
90
100
110
120
130
140
150
160
170
180
190
200
9
101112131415
161718
19
20
21
22
Output Power (dBm)
Freq=2.412 GHz
Freq=2.442 GHz
Freq=2.484 GHz
1318 F7.1
PAE versus Output Power
0
2
4
6
8
10
12
14
16
18
20
22
24
9
101112131415
161718
19
20
21
22
Output Power (dBm)
Freq=2.412 GHz
Freq=2.442 GHz
Freq=2.484 GHz
1318 F8.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com