Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4215CUFD Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4215CUFD
Description  Hot Swap Controller with I2C Compatible Monitoring
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4215CUFD Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4215CUFD Datasheet HTML 3Page - Linear Technology LTC4215CUFD Datasheet HTML 4Page - Linear Technology LTC4215CUFD Datasheet HTML 5Page - Linear Technology LTC4215CUFD Datasheet HTML 6Page - Linear Technology LTC4215CUFD Datasheet HTML 7Page - Linear Technology LTC4215CUFD Datasheet HTML 8Page - Linear Technology LTC4215CUFD Datasheet HTML 9Page - Linear Technology LTC4215CUFD Datasheet HTML 10Page - Linear Technology LTC4215CUFD Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC4215
7
4215fb
TYPICAL PERFOR A CE CHARACTERISTICS
Total Unadjusted Error vs Code
(ADIN)
ADC INL vs Code (ADIN)
CODE
0
64
128
192
0
0.001
0.002
0.003
0.004
0.006
4215 G13
256
0.005
CODE
0
128
192
4215 G14
256
64
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
ADC DNL vs Code (ADIN)
ADC Full-Scale Error
vs Temperature
TEMPERATURE (
°C)
–50
–25
–1.0
–0.2
1.0
0
50
4215 G05
–0.6
0.6
0.2
–0.4
0.8
–0.8
0.4
0
25
75
100
TA = 25°C, VDD = 12V unless otherwise noted
CODE
0
–0.5
–0.4
–0.3
–0.1
–0.2
0
0.1
0.2
0.5
0.4
128
4215 G15
256
64
192
0.3
PI FU CTIO S
ADIN (QFN Package): ADC Input. A voltage between 0V
and 1.235V applied to this pin is measured by the onboard
ADC. Tie to ground if unused.
ADR0, ADR1, ADR2 (ADR1, ADR2 Available in QFN Pack-
age): Serial Bus Address Inputs. Tying these pins to ground,
to the INTVCC pin or open configures one of 27 possible
addresses. See Table 1 in Applications Information.
⎯A⎯L⎯E⎯R⎯T: Fault Alert Output. Open-drain logic output
that is pulled to ground when a fault occurs to alert the
host controller. A fault alert is enabled by the
⎯A⎯L⎯E⎯R⎯T
register. See Applications Information. Tie to ground
if unused.
⎯E⎯N: (QFN package) Enable Input. Ground this pin to
indicate a board is present and enable the N-channel
MOSFET to turn on. When this pin is high, the MOSFET
is not allowed to turn on. An internal 10µA current source
pulls up this pin. Transitions on this pin are recorded in
the Fault register. A high-to-low transition activates the
logic to read the state of the ON pin and clear Faults. See
Applications Information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com