Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4215CUFD Datasheet(PDF) 19 Page - Linear Technology

Part # LTC4215CUFD
Description  Hot Swap Controller with I2C Compatible Monitoring
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4215CUFD Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC4215CUFD Datasheet HTML 15Page - Linear Technology LTC4215CUFD Datasheet HTML 16Page - Linear Technology LTC4215CUFD Datasheet HTML 17Page - Linear Technology LTC4215CUFD Datasheet HTML 18Page - Linear Technology LTC4215CUFD Datasheet HTML 19Page - Linear Technology LTC4215CUFD Datasheet HTML 20Page - Linear Technology LTC4215CUFD Datasheet HTML 21Page - Linear Technology LTC4215CUFD Datasheet HTML 22Page - Linear Technology LTC4215CUFD Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LTC4215
19
4215fb
Table 1A. LTC4215 Device Addressing (UH24 Package)
DESCRIPTION
DEVICE
ADDRESS
DEVICE ADDRESS
LTC4215UH
ADDRESS PINS
h
76543210
ADR2
ADR1
ADR0
Mass Write
BE
10111110
X
X
X
Alert Response
19
00011001
X
X
X
0
80
1000000
X
L
NC
L
1
82
1000001
X
L
H
NC
2
84
1000010
X
L
NC
NC
3
86
1000011
X
L
NC
H
4
88
1000100
X
LLL
5
8A
1000101
X
L
H
H
6
8C
1000110
X
LL
NC
7
8E
1000111
X
LL
H
8
90
1001000
X
NC
NC
L
9
92
1001001
X
NC
H
NC
10
94
1001010
X
NC
NC
NC
11
96
1001011
X
NC
NC
H
12
98
1001100
X
NC
LL
13
9A
1001101
X
NC
H
H
14
9C
1001110
X
NC
L
NC
15
9E
1001111
X
NC
L
H
16
A0
1010000
X
H
NC
L
17
A2
1010001
X
H
H
NC
18
A4
1010010
X
H
NC
NC
19
A6
1010011
X
H
NC
H
20
A8
1010100
X
H
LL
21
AA
1010101
X
H
H
H
22
AC
1010110
X
H
L
NC
23
AE
1010111
X
H
L
H
24
B0
1011000
X
L
H
L
25
B2
1011001
X
NC
H
L
26
B4
1011010
X
H
H
L
APPLICATIO S I FOR ATIO
Table 1B. LTC4215 Device Addressing (GN16 Package)
DESCRIPTION
DEVICE
ADDRESS
DEVICE ADDRESS
LTC4215GN
ADDRESS PINS
h
76543210
ADR2
ADR1
ADR0
Mass Write
BE
10111110
X
X
X
Alert Response
19
00011001
X
X
X
0
90
1001000
X
NC
NC
L
1
94
1001010
X
NC
NC
NC
2
96
1001011
X
NC
NC
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com