Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4215CUFD Datasheet(PDF) 24 Page - Linear Technology

Part # LTC4215CUFD
Description  Hot Swap Controller with I2C Compatible Monitoring
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4215CUFD Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC4215CUFD Datasheet HTML 16Page - Linear Technology LTC4215CUFD Datasheet HTML 17Page - Linear Technology LTC4215CUFD Datasheet HTML 18Page - Linear Technology LTC4215CUFD Datasheet HTML 19Page - Linear Technology LTC4215CUFD Datasheet HTML 20Page - Linear Technology LTC4215CUFD Datasheet HTML 21Page - Linear Technology LTC4215CUFD Datasheet HTML 22Page - Linear Technology LTC4215CUFD Datasheet HTML 23Page - Linear Technology LTC4215CUFD Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTC4215
24
4215fb
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2006
LT 0307 REV B • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1421
Dual Channel, Hot Swap Controller
Operates from 3V to 12V, Supports -12V, SSOP-24
LTC1422
Single Channel, Hot Swap Controller
Operates from 2.7V to 12V, SO-8
LTC1642A
Single Channel, Hot Swap Controller
Operates from 3V to 16.5V, Overvoltage Protection Up to 33V, SSOP-16
LTC1645
Dual Channel, Hot Swap Controller
Operates from 3V to 12V, Power Sequencing, SO-8 or SO-14
LTC1647-1/LTC1647-2/
Dual Channel, Hot Swap Controller
Operates from 2.7V to 16.5V, SO-8 or SSOP-16
LTC1647-3
LTC4210
Single Channel, Hot Swap Controller
Operates from 2.7V to 16.5V, Active Current Limiting, SOT23-6
LTC4211
Single Channel, Hot Swap Controller
Operates from 2.5V to 16.5V, Multifunction Current Control,
MSOP-8 or MSOP-10
LTC4212
Single Channel, Hot Swap Controller
Operates from 2.5V to 16.5V, Power-Up Timeout, MSOP-10
LTC4214
Negative Voltage, Hot Swap Controller
Operates from – 6V to –16V, MSOP-10
LTC4216
Single Channel, Hot Swap Controller
Operates from 0V to 6V, MSOP-10 or 12-Lead (4mm × 3mm) DFN
LT4220
Positive and Negative Voltage,
Operates from ±2.7V to ±16.5V, SSOP-16
Dual Channel, Hot Swap Controller
LTC4221
Dual Hot Swap Controller/Sequencer
Operates from 1V to 13.5V, Multifunction Current Control, SSOP-16
LTC4230
Triple Channel, Hot Swap Controller
Operates from 1.7V to 16.5V, Multifunction Current Control, SSOP-20
UV VDD SENSE
+
SENSE–
LTC4215UFD
GATE
INTVCC
ADR0
ADR1
NC
ADR2 GND
SOURCE
OV
SDAI
SDAO
SCL
ON
FB
ADIN
GPIO
EN
SS
TIMER
R5
10
Ω
R6
15k
C1
22nF
RS
0.0015
Ω
Q1
Si7880DP
–12V
R7
24.3k
1%
OUTPUT
–12V
R8
2.94k
1%
4215 F14
C3
0.1
µF
D1
5.6V
R9
100k
R1
22.1k
1%
R2
1k
1%
R12
10k
R9
10k
R10
3.3k
INTVCC
–12V
R3
2.05k
1%
CTIMER
1
µF
CF
0.1
µF
CSS
68nF
CL
1000
µF
R13
3.3k
HCPL-0300
28
–7V
3
6
5
HCPL-0300
28
–7V
3
6
5
INTVCC
INTVCC
HCPL-0300
68
5
2
3
–7V
Q2
PLUG-IN
CARD
BACKPLANE
GND
5V
SDA
SCL
VIN
–12V
Figure 14. 3A, –12V Card Resident Application with Optically Isolated I2C
TYPICAL APPLICATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com