Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4215CUFD Datasheet(PDF) 15 Page - Linear Technology

Part # LTC4215CUFD
Description  Hot Swap Controller with I2C Compatible Monitoring
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4215CUFD Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC4215CUFD Datasheet HTML 11Page - Linear Technology LTC4215CUFD Datasheet HTML 12Page - Linear Technology LTC4215CUFD Datasheet HTML 13Page - Linear Technology LTC4215CUFD Datasheet HTML 14Page - Linear Technology LTC4215CUFD Datasheet HTML 15Page - Linear Technology LTC4215CUFD Datasheet HTML 16Page - Linear Technology LTC4215CUFD Datasheet HTML 17Page - Linear Technology LTC4215CUFD Datasheet HTML 18Page - Linear Technology LTC4215CUFD Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LTC4215
15
4215fb
APPLICATIO S I FOR ATIO
and are updated 10 times per second. Setting CONTROL
register bit A5 invokes a test mode that halts the data
converter so that registers E, F, and G may be written to
and read from for software testing.
Configuring the GPIO Pin
Table 2 describes the possible states of the GPIO pin using
the control register bits A6 and A7. At power-up, the default
state is for the GPIO pin to go high impedance when power
is good (FB pin greater than 1.235V). Other applications
for the GPIO pin are to pull down when power is good, a
general purpose output and a general purpose input.
Supply Transients
The LTC4215 is designed to ride through supply transients
caused by load steps. If there is a shorted load and the
parasitic inductance back to the supply is greater than
0.5µH, there is a chance that the supply collapses before
the active current limit circuit brings down the GATE pin.
If this occurs, the undervoltage monitors pull the GATE
pin low. The undervoltage lockout circuit has a 2µs filter
time after VDD drops below 2.74V. The UV pin reacts in
2µs to shut the GATE off, but it is recommended to add a
filter capacitor CF to prevent unwanted shutdown caused
by a transient. Eventually either the UV pin or undervoltage
lockout responds to bring the current under control before
the supply completely collapses.
Supply Transient Protection
The LTC4215 is safe from damage with supply voltages
up to 24V. However, spikes above 24V may damage the
part. During a short-circuit condition, large changes in
current flowing through power supply traces may cause
inductive voltage spikes which exceed 24V. To minimize
such spikes, the power trace inductance should be mini-
mized by using wider traces or heavier trace plating. Also,
a snubber circuit dampens inductive voltage spikes. Build
a snubber by using a 100Ω resistor in series with a 0.1µF
capacitor between VDD and GND. A surge suppressor, Z1
in Figure 1, at the input can also prevent damage from
voltage surges.
Design Example
As a design example, take the following specifications:
VIN = 12V, IMAX = 5A, IINRUSH = 1A, dI/dtINRUSH = 10A/ms,
CL = 330µF, VUV(ON) = 10.75V, VOV(OFF) = 14.0V, VPWRGD(UP)
= 11.6V, and I2C ADDRESS = 1010011. This completed
design is shown in Figure 1.
Selection of the sense resistor, RS, is set by the overcur-
rent threshold of 25mV:
R
mV
I
S
MAX
==
25
0 005
.
Ω
The MOSFET is sized to handle the power dissipation dur-
ing inrush when output capacitor COUT is being charged.
A method to determine power dissipation during inrush
is based on the principle that:
Energy in CL = Energy in Q1
This uses:
Energy in CL ==
()( )
1
2
1
2
033
12
2
2
CV
mF
.
or 0.024 joules. Calculate the time it takes to charge up
COUT:
tC
V
I
mF
V
A
ms
CHARGEUP
L
DD
INRUSH
==
=
•.
•
033
12
1
4
The power dissipated in the MOSFET:
P
t
W
DISS
CHARGEUP
==
Energy in CL
6
The SOA (safe operating area) curves of candidate MOS-
FETs must be evaluated to ensure that the heat capacity
of the package tolerates 6W for 4ms. The SOA curves of
the Fairchild FDC653N provide for 2A at 12V (24W) for
10ms, satisfying this requirement.
The inrush current is set to 1A using C1:
CC
I
I
CmF
µA
A
or C
L
GATE
INRUSH
1
10 33
20
1
16
=
==
•
.•
 
 
.8
8nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com