Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4215CUFD Datasheet(PDF) 16 Page - Linear Technology

Part # LTC4215CUFD
Description  Hot Swap Controller with I2C Compatible Monitoring
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4215CUFD Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC4215CUFD Datasheet HTML 12Page - Linear Technology LTC4215CUFD Datasheet HTML 13Page - Linear Technology LTC4215CUFD Datasheet HTML 14Page - Linear Technology LTC4215CUFD Datasheet HTML 15Page - Linear Technology LTC4215CUFD Datasheet HTML 16Page - Linear Technology LTC4215CUFD Datasheet HTML 17Page - Linear Technology LTC4215CUFD Datasheet HTML 18Page - Linear Technology LTC4215CUFD Datasheet HTML 19Page - Linear Technology LTC4215CUFD Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LTC4215
16
4215fb
APPLICATIO S I FOR ATIO
The inrush dI/dt is set to 10A/ms using CSS:
C
I
dI dt
A
s
R
µA
SS
SS
SENSE
=
⎛
⎝
⎞
⎠
=
/
•.
•
0 0375
1
10
10000
••.
•
.
0 0375
1
5
75
m
nF
Ω
=
For a start-up time of 4ms with a 2x safety margin we
choose:
C
t
ms µF
C
C
ms
TIMER
STARTUP
SS
TIMER
=+
=
2
12 3
10
8
•
./
•
1
12 3
75
10
068
./
.•
.
ms µF
nF
µF
+≅
Note the minimum value of CTIMER is 10nF, and each 1nF
of soft-start capacitance needs 10nF of TIMER capaci-
tance/time during start-up.
Choose R1, R2, R3, R7 and R8 for the UV, OV and PG
threshold voltages:
VOV(RISING) = 14.0V, VOV(FALLING) = 13.5V (using VOV(TH)
= 1.235 rising and 1.185V falling)
VUV(RISING) = 10.75V, VUV(FALLING) = 10.6V (using VUV(TH)
= 1.235V rising and 1.215V falling)
VPG(RISING) = 11.6V, VPG(FALLING) = 10.85V (using VFB(TH)
= 1.235V rising and 1.155V falling)
A 0.1µF capacitor, CF, is placed on the UV pin to prevent
supply glitches from turning off the GATE via UV or OV.
The address is set with the help of Table 1, which indi-
cates binary address 1010011 corresponds to address
19. Address 19 is set by setting ADR2 high, ADR1 open
and ADR0 high.
Next the value of R5 and R6 are chosen to be the default
values 10Ω and 15k as discussed previously.
In addition a 0.1µF ceramic bypass capacitor is placed
on the INTVCC pin.
Layout Considerations
To achieve accurate current sensing, a Kelvin connection
is required. The minimum trace width for 1oz copper
foil is 0.02" per amp to make sure the trace stays at a
reasonable temperature. Using 0.03" per amp or wider
is recommended. Note that 1oz copper exhibits a sheet
resistance of about 530µΩ/®. Small resistances add up
quickly in high current applications. To improve noise
immunity, put the resistive dividers to the UV, OV and FB
pins close to the device and keep traces to VDD and GND
short. It is also important to put the bypass capacitor for
the INTVCC pin, C3, as close as possible between INTVCC
and GND. A 0.1µF capacitor from the UV pin (and OV pin
through resistor R2) to GND also helps reject supply noise.
Figure 4 shows a layout that addresses these issues. Note
that a surge suppressor, Z1, is placed between supply and
ground using wide traces.
UV
OV
SS
GND
ON
EN
SDAO
FB
GPIO
INTVCC
TIMER
ADIN
ADR2
ADR1
R2
R3
CF
Z1
R1
SENSE RESISTOR RS
C3
LTC4215UFD
R8
ILOAD
4215 F05
ILOAD
Figure 5. Recommended Layout
Digital Interface
The LTC4215 communicates with a bus master using a
2-wire interface compatible with I2C Bus and SMBus, an
I2C extension for low power devices.
The LTC4215 is a read-write slave device and supports
SMBus bus Read Byte, Write Byte, Read Word and Write
Word commands. The second word in a Read Word com-
mand is identical to the first word. The second word in a
Write Word command is ignored. Data formats for these
commands are shown in Figures 6 to 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com