Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4215CUFD Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4215CUFD
Description  Hot Swap Controller with I2C Compatible Monitoring
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4215CUFD Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4215CUFD Datasheet HTML 6Page - Linear Technology LTC4215CUFD Datasheet HTML 7Page - Linear Technology LTC4215CUFD Datasheet HTML 8Page - Linear Technology LTC4215CUFD Datasheet HTML 9Page - Linear Technology LTC4215CUFD Datasheet HTML 10Page - Linear Technology LTC4215CUFD Datasheet HTML 11Page - Linear Technology LTC4215CUFD Datasheet HTML 12Page - Linear Technology LTC4215CUFD Datasheet HTML 13Page - Linear Technology LTC4215CUFD Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTC4215
10
4215fb
tSU, DAT
tSU,STO
tSU,STA
tBUF
tHD,STA
tSP
tSP
tHD,DATO,
tHD,DATI
tHD,STA
START
CONDITION
STOP
CONDITION
REPEATED START
CONDITION
START
CONDITION
4215 TD01
SDAI/SDAO
SCL
TI I G DIAGRA
OPERATIO
The LTC4215 is designed to turn a board’s supply voltage
on and off in a controlled manner, allowing the board to be
safely inserted or removed from a live backplane. During
normal operation, the charge pump and gate driver turn
on an external N-channel MOSFET’s gate to pass power
to the load. The gate driver uses a charge pump that
derives its power from the VDD pin. Also included in the
gate driver is an internal 6.5V GATE-to-SOURCE clamp.
During start-up the inrush current is tightly controlled by
using current limit foldback, soft start dI/dt limiting and
output dV/dt limiting.
The current sense (CS) amplifier monitors the load current
using the difference between the SENSE+ (VDD for SSOP)
and SENSE– pin voltages. The CS amplifier limits the cur-
rent in the load by pulling back on the GATE-to-SOURCE
voltage in an active control loop when the sense voltage
exceeds the commanded value. The CS amplifier requires
20µA input bias current from both the SENSE+ and the
SENSE– pins.
A short circuit on the output to ground results in excessive
power dissipation during active current limiting. To limit
this power, the CS amplifier regulates the voltage between
the SENSE+ and SENSE– pins at 75mV.
If an overcurrent condition persists, the internal circuit
breaker (CB) registers a fault when the sense voltage ex-
ceeds 25mV for more than 20µs. This indicates to the logic
that it is time to turn off the GATE to prevent overheating.
At this point the start-up TIMER pin voltage ramps down
using the 2µA current source until the voltage drops below
0.2V (comparator TM1) which tells the logic that the pass
transistor has cooled and it is safe to turn it on again if
overcurrent auto-retry is enabled. If the TIMER pin is tied
to INTVCC, the cool-down time defaults to 5 seconds on
an internal system timer in the logic.
The output voltage is monitored using the FB pin and the
Power Good (PG) comparator to determine if the power
is available for the load. The power good condition can be
signaled by the GPIO pin using an open-drain pulldown
transistor. The GPIO pin may also be configured to signal
power bad, or as a general purpose input (GP comparator),
or a general purpose open drain output.
The Functional Diagram shows the monitoring blocks of
the LTC4215. The group of comparators on the left side
includes the undervoltage (UV), overvoltage (OV), reset
(RST), enable (
⎯E⎯N) and signal on (ON) comparators. These
comparators determine if the external conditions are valid
prior to turning on the GATE. But first the two undervoltage
lockout circuits, UVLO1 and UVLO2, validate the input
supply and the internally generated 3.1V supply, INTVCC.
UVLO2 also generates the power-up initialization to the
logic circuits as INTVCC crosses this rising threshold. If the
fixed internal overvoltage comparator, OV2, detects that
VDD is greater than 15.6V, the part immediately generates
an overvoltage fault and turns the GATE off.
Included in the LTC4215 is an 8-bit A/D converter. The con-
verter has a 3-input multiplexer to select between the ADIN
pin, the SOURCE pin and the VDD – SENSE voltage.
An I2C interface is provided to read the A/D registers. It
also allows the host to poll the device and determine if
faults have occurred. If the
⎯A⎯L⎯E⎯R⎯T line is configured as an
interrupt, the host is enabled to respond to faults in real
time. The typical SDA line is divided into an SDAI (input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com