Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4215CUFD Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4215CUFD
Description  Hot Swap Controller with I2C Compatible Monitoring
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4215CUFD Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4215CUFD Datasheet HTML 10Page - Linear Technology LTC4215CUFD Datasheet HTML 11Page - Linear Technology LTC4215CUFD Datasheet HTML 12Page - Linear Technology LTC4215CUFD Datasheet HTML 13Page - Linear Technology LTC4215CUFD Datasheet HTML 14Page - Linear Technology LTC4215CUFD Datasheet HTML 15Page - Linear Technology LTC4215CUFD Datasheet HTML 16Page - Linear Technology LTC4215CUFD Datasheet HTML 17Page - Linear Technology LTC4215CUFD Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTC4215
14
4215fb
APPLICATIO S I FOR ATIO
FET Short Fault
A FET short fault is reported if the data converter measures
a current sense voltage greater than or equal to 1.6mV
while the GATE is turned off. This condition sets FET short
present bit, C5, and FET short fault bit D5.
Power Bad Fault
A power bad fault is reported if the FB pin voltage drops
below its 1.235V threshold for more than 2µs when the
GATE is high. This pulls the GPIO pin low immediately
when configured as power-good, and sets power-bad
present bit, C3, and power bad fault bit D3. A circuit pre-
vents power-bad faults if the GATE-to-SOURCE voltage is
low, eliminating false power-bad faults during power-up
or power-down. If the FB pin voltage subsequently rises
back above the threshold, the GPIO pin returns to a high
impedance state and bit C3 is reset.
Fault Alerts
When any of the fault bits in FAULT register D are set, an
optional bus alert is generated if the appropriate bit in the
⎯A⎯L⎯E⎯R⎯T register B has been set. This allows only selected
faults to generate alerts. At power-up the default state is to
not alert on faults. If an alert is enabled, the correspond-
ing fault causes the
⎯A⎯L⎯E⎯R⎯T pin to pull low. After the bus
master controller broadcasts the Alert Response Address,
the LTC4215 responds with its address on the SDA line and
releases
⎯A⎯L⎯E⎯R⎯T as shown in Table 6. If there is a collision
between two LTC4215s responding with their addresses
simultaneously, then the device with the lower address
wins arbitration and responds first. The
⎯A⎯L⎯E⎯R⎯T line is also
released if the device is addressed by the bus master.
Once the
⎯A⎯L⎯E⎯R⎯T signal has been released for one fault, it
is not pulled low again until the FAULT register indicates a
different fault has occurred or the original fault is cleared
and it occurs again. Note that this means repeated or
continuing faults do not generate alerts until the associ-
ated FAULT register bit has been cleared.
Resetting Faults
Faults are reset with any of the following conditions. First,
a serial bus command writing zeros to the FAULT register
D clears the associated faults. Second, the entire FAULT
register is cleared when the switch is turned off by the ON
pin or bit A3 going from high to low, if the UV pin is brought
below its 0.4V reset threshold for 2µs, or if INTVCC falls
below its 2.64V undervoltage lockout threshold. Finally,
when
⎯E⎯N is brought from high to low, only FAULT bits
D0-D3 are cleared, and bit D4, that indicates a
⎯E⎯N change
of state, is set. Note that faults that are still present, as
indicated in STATUS Register C, cannot be cleared.
The FAULT register is not cleared when auto-retrying.
When auto-retry is disabled the existence of a D0, D1
or D2 fault keeps the switch off. As soon as the fault is
cleared, the switch turns on. If auto-retry is enabled, then
a high value in C0, C1 or C2 holds the switch off and the
fault register is ignored. Subsequently, when bits C0, C1
and C2 are cleared by removal of the fault condition, the
switch is allowed to turn on again.
Data Converter
The LTC4215 incorporates an 8-bit A/D converter that con-
tinuously monitors three different voltages. The SOURCE
pin has a 1/12.5 resistive divider to monitor a full scale
voltage of 15.4V with 60mV resolution. The ADIN pin is
monitored with a 1.235V full scale and 4.82mV resolution,
and the voltage between the VDD and SENSE pins is moni-
tored with a 38.6mV full scale and 151µV resolution.
Results from each conversion are stored in registers E
(Sense), F (Source) and G (ADIN), as seen in Tables 6-8,
–
+
1.235V
GND
MOTHERBOARD
CONNECTOR
PLUG-IN
CARD
SOURCE
OUT
LTC4215
EN
CEN
LOAD
4215 F04
Figure 4. Plug-In Card Insertion/Removal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com