Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL75-47 Datasheet(PDF) 52 Page - Emerson Network Power

Part # PL75-47
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL75-47 Datasheet(HTML) 52 Page - Emerson Network Power

Back Button PL75-47 Datasheet HTML 48Page - Emerson Network Power PL75-47 Datasheet HTML 49Page - Emerson Network Power PL75-47 Datasheet HTML 50Page - Emerson Network Power PL75-47 Datasheet HTML 51Page - Emerson Network Power PL75-47 Datasheet HTML 52Page - Emerson Network Power PL75-47 Datasheet HTML 53Page - Emerson Network Power PL75-47 Datasheet HTML 54Page - Emerson Network Power PL75-47 Datasheet HTML 55Page - Emerson Network Power PL75-47 Datasheet HTML 56Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 100 page
background image
50
Miniature Looping Plug
Handle Color: Green = 50Ω............. LPM-50
Handle Color: Violet = 75Ω............. LPM-75
1.362
.300
.375 DIA
TPS RECEPTACLE
3125-32-UNEF-2A
PER DOD-HDBK-H28
.165
.295
DIA
.343 HEX
1.366
.3125-32-UNEF-2A
.165
.375
DIA
SOLDER POT ACCEPTS
.042 DIA CONDUCTOR
1.049
.078 DIA HOLE
1.940
1/4 WRENCH FLATS
11/32 HEX
.227
DIA
2.116
1.096
BNC
PL3 PATCH PLUG
.437 HEX
.562
"L"
LENGTH
"L"
LENGTH
.500
.950
2.800
2.000
Z = denotes impedance of connecting cable in ohms. L= denotes length in inches. Call customer service for other miniature coax products.
Coax Connectors / 50Ω Miniature Coax
Patching
Miniature Patch Jack
TPS Jack 50Ω
3-Lug...................................................... J8
4-Lug.................................................... J8FL
TCM Jack 50Ω
Threaded (not shown)......................... J308
Miniature Patch Jack
Solder Pot 50Ω
J8D
Adapter
50Ω Miniature Patch Plug to 50Ω TPS Jack
ADM1
Adapter
50Ω Miniature Patch Plug to 50Ω BNC Jack
ADM2
Patch Cord
Miniature Patch Plugs
50Ω............................................. PCM-L-50
75Ω............................................. PCM-L-75
Patch Cord
50Ω Miniature Patch Plug to TPS Plug
PCMX-L-50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com