Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL75-47 Datasheet(PDF) 8 Page - Emerson Network Power

Part # PL75-47
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL75-47 Datasheet(HTML) 8 Page - Emerson Network Power

Back Button PL75-47 Datasheet HTML 4Page - Emerson Network Power PL75-47 Datasheet HTML 5Page - Emerson Network Power PL75-47 Datasheet HTML 6Page - Emerson Network Power PL75-47 Datasheet HTML 7Page - Emerson Network Power PL75-47 Datasheet HTML 8Page - Emerson Network Power PL75-47 Datasheet HTML 9Page - Emerson Network Power PL75-47 Datasheet HTML 10Page - Emerson Network Power PL75-47 Datasheet HTML 11Page - Emerson Network Power PL75-47 Datasheet HTML 12Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 100 page
background image
6
PL74-9 Shown
CJ70-9 Shown
PL75MC-202 Shown
PL73C-202 Shown
PL73-9 Shown
For polarizations, call customer service.
PL74C-202 Shown
1.70
1.297
.593
DIA MAX
1.110
.438 WRENCH FLATS
.096
.500
DIA
.438 WRENCH FLATS
1.11
1.405
1.76 MAX
.030
SHRINKABLE
STRAIN RELIEF
(CLEAR, 175ºC)
.593
DIA
MAX
SHRINKABLE
SEALING
SLEEVE
(LONG)
1.110
.961
.711
.500
DIA
SHRINKABLE STRAIN RELIEF (CLEAR, 175
°C)
1.267
1.67
.030
SHRINKABLE SEALING SLEEVE (LONG)
.438HEX
.500 WRENCH FLATS
.500 BODY DIA
1.314
.096
.593 DIA MAX OVER KNURL
.546
DIA
MAX
1.416
.030
SHRINKABLE
STRAIN RELIEF
(CLEAR, 175º C)
SHRINKABLE SEALING SLEEVE (LONG)
1.800
.445 DIA
1.290
SEALING
SLEEVE
.593 DIA MAX
1.70 OR 1.44 MAX
1.297
SHRINKABLE
STRAIN RELIEF
ADRMF70 Shown
AD78 Shown
Cable Plug
Wrench Crimp, Push-on
PL73-
Order Large Body version for cables with
jacket dia. greater than .323".
CJ70C-202 Shown
PLR74C-201 Shown
Twinax/Triax Connectors / Miniature Plugs & Jacks
70/370 Series, TRB/TRT
Cable Plug
Military Crimp Tool
3–Lug.................................... PL75MC-
2–Lug.................................... PL74MC-
4–Lug.................................... PL75MCFL-
Threaded............................... PL375MC-
Cable Plug
Tool Crimp
2–Lug.................................... PL74C-
3–Lug.................................... PL75C-
4–Lug.................................... PL75CFL-
Threaded............................... PL375C-
* Length depends on Cable Group
Cable Plug
Wrench Crimp
2–Lug............................ PL74-
3–Lug............................ PL75-
4–Lug............................ PL75FL-
Threaded....................... PL375-
.500 BODY DIA
.096
.438 HEX
1.135
.438 WRENCH FLATS
.593 MAX DIA OVER KNURL
Cable Plug
Tool Crimp, Push-on
PL73C-
Cable Jack
Wrench Crimp
3–Lug........................... CJ70-
2–Lug........................... CJ70TL-
4–Lug........................... CJ70FL-
Threaded...................... CJ370-
Right Angle Cable Plug
Tool Crimp
2–Lug........................... PLR74C-
3–Lug........................... PLR75C-
4–Lug........................... PLR75CFL-
Threaded...................... PLR375C-
For cable groups
201-223 only. Contact
customer service for
other cables.
Cable Jack
Tool Crimp
3–Lug........................... CJ70C-
2–Lug........................... CJ70CTL-
4–Lug........................... CJ70CFL-
Threaded...................... CJ370C-
Right Angle TRB Adapter
TRB Male to Female
3–Lug......................... ADRMF70
2–Lug......................... ADRMF70TL
Threaded.................... ADRMF370
4–Lug......................... ADRMF70FL
TRB Coupling Adapter
Barrel Connector
3–Lug........................... AD78
2–Lug........................... AD78TL
4–Lug........................... AD78FL
Threaded...................... AD378
Refer to Cable Group Tables, pages 74-91.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com