Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL75-47 Datasheet(PDF) 65 Page - Emerson Network Power

Part # PL75-47
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL75-47 Datasheet(HTML) 65 Page - Emerson Network Power

Back Button PL75-47 Datasheet HTML 61Page - Emerson Network Power PL75-47 Datasheet HTML 62Page - Emerson Network Power PL75-47 Datasheet HTML 63Page - Emerson Network Power PL75-47 Datasheet HTML 64Page - Emerson Network Power PL75-47 Datasheet HTML 65Page - Emerson Network Power PL75-47 Datasheet HTML 66Page - Emerson Network Power PL75-47 Datasheet HTML 67Page - Emerson Network Power PL75-47 Datasheet HTML 68Page - Emerson Network Power PL75-47 Datasheet HTML 69Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 100 page
background image
63
Additional Accessories
Extra Cutter heads
See guide above
DC Driver Battery: Requires cutter head from above
BCS
AC Driver and AC Base Unit: Requires cutter head from above
ACS
Rapid Charger/Reconditioner
BRCC
Ni-Cad Battery Pack
ABP-NSA
AC Power Converter
ACC-NSA
8-Point Crimp Tool
75Ω Center Contact Pin (Handle Color)
BNC/Pl11 Patch Plugs (Red/Blue)................................... 010-0097
BNC Jack and plug (Blue)............................................... 010-0088
12-Point Crimp Tool
75Ω Center Contact Pin (Handle color)
BNC/TNC/Pl11 Patch Plug
(Green/yellow).............................................................. 010-0098
* Note: Dies imprint either cavity (A/B) or hex size onto crimp sleeve. Custom dies are available for special imprints.
For Standard and Miniature Twinax/Triax patching: 70 Series: TRB/TRT,
150 Series: TRS/TTM, 450 Series: 2-lug/3-lug/threaded connectors.
Crimp Tool
Die not included, for crimp dies see below
For crimp dies not listed, call customer service.
A Closure
B Closure
C Crimp
D Crimp
.175 DIA
2PL
.697
Max
1.260
.50
.236
.344 HEX CRIMP
.263 SHEILD CRIMP
(1.000)
CD5-8 SHOWN
.527
Crimp Tools
For crimp dies not listed or for special embossing, call customer service.
Tools & Accessories
Outer Sleeve A
Embosses
B
Embosses
CD3-1
.213
1A
.178
1B
CD3-19
.178
178
.255
255
Frame CT 5
Outer Sleeve
A
Embosses
B
Embosses
CD3-1
.213
1A
.178
1B
CD3-2
.324
2A
.255
2B
CD3-3
.344
3A
.290
3B
CD3-5
-
-
.197
5B
CD3-19
-
-
CD3-21
.290
290
.255
255
CD3-22
.404
404
.068
-
Twinax/Triax Crimp Tool
For Bushing/Shield
Crimp Tool Only....................................................... M22520/5-01
Crimp Tool with Die..................................... M22520/5-01/CD5-#
Connector Series
Cable Type
Cable Group #
Bushing/Shield Crimp Die
Center Contact Crimp Tool Part #
Center Contact Positioner Part #
70C
Twinax
201-225
CD5-8
M22520/1-01
010-0044 Pin (TP837)
010-0045 Socket (TP838)
PLR70C
PLR155AC
Triax
301-309
CD5-10
Small Body 150AC
Twinax
201-206, 208, 209, 217-223
CD5-9
M22520/2-01
010-0041
Triax
301-304, 309
CD5-11
Large Body 150AC
Twinax
207, 210, 211-216, 224-225
CD5-8
M22520/2-01
010-0043
Triax
305-306, 308
CD5-13
Triax
307
CD5-10
M22520/1-01
010-0044 Pin (TP837)
010-0045 Socket (TP838)
PL75MC
Twinax
201-225
CD5-14
M22520/2-01
010-0096
226
CD5-15
M22520/2-01
010-0096
450AC
Twinax
201-206, 208, 209, 212, 217-223
CD5-9
M22520/2-01
010-0041
PLR450
Twinax
201-206, 208, 209, 212, 217-223
CD5-120
M22520/2-01
010-0041
SPC8P
Twinax
201-205, 217, 218, 221, 222
CD5-4
M22520/2-01
Daniels K709
SPC8S
Triax
301-303
CD5-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com