Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL75-47 Datasheet(PDF) 81 Page - Emerson Network Power

Part # PL75-47
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL75-47 Datasheet(HTML) 81 Page - Emerson Network Power

Back Button PL75-47 Datasheet HTML 77Page - Emerson Network Power PL75-47 Datasheet HTML 78Page - Emerson Network Power PL75-47 Datasheet HTML 79Page - Emerson Network Power PL75-47 Datasheet HTML 80Page - Emerson Network Power PL75-47 Datasheet HTML 81Page - Emerson Network Power PL75-47 Datasheet HTML 82Page - Emerson Network Power PL75-47 Datasheet HTML 83Page - Emerson Network Power PL75-47 Datasheet HTML 84Page - Emerson Network Power PL75-47 Datasheet HTML 85Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 100 page
background image
79
Cable Group Table
Cable Group Table
Note: * = Special contact customer service
For a complete listing please refer to the online catalog.
CABLE MANUFACTURER
CABLE NUMBER
CABLE TYPE
WRENCH STYLE
CRIMP STYLE
JACKET SIZE
CONDUCTOR
IMPEDANCE
BELDEN
YQ28763
TWINAX
-55
_
0.200
_
_
BELDEN
YQ40343
COAX
-5
-004
0.95
0.012
75
BELDEN
YQ41416
TRIAX
-10
TOO LARGE
0.410
0.063
75
BELDEN
YQ44343
COAX
_
-009
0.142
0.019
75
BELDEN
YR-14910
TWINAX
-29
-202
0.150
0.024
78
BELDEN
YR-15161
TWINAX
-29
_
_
_
_
BELDEN
YR16411
TWINAX
-9
_
0.247
0.023
_
BELDEN
YR-19218
TWINAX
-29
-203
0.150
0.012
124
BELDEN
YR23023
COAX
*
-009
0.160
0.020
75
BELDEN
YR23930
COAX
-2
-014
0.242
0.032
75
BELDEN
YR27110
COAX
-22
-009
0.162
0.021
75
BELDEN
YR27543
TWINAX
-27
*
0.117
0.012
_
BELDEN
YR28296
TWINAX
_
-203
0.162
0.012
_
BELDEN
YR28314
COAX
*
-009
0.162
0.019
75
BELDEN
YR28365
COAX
-2
-013
0.245
0.025
100
BELDEN
YR39667
COAX
-22
-009
0.152
0.020
75
BELDEN
YR40974
COAX
-36
-007
0.113
0.012
75
BELDEN
YR41007
COAX
-63
-025
0.235
0.032
75
BELDEN
YR41039
COAX
-22
-009
0.155
0.020
75
BELDEN
YR41679
COAX
_
-014
0.242
0.032
75
BELDEN
YR45056
COAX
*
-026
0.131
0.017
75
BELDEN
YR45301
COAX
*
-026
0.131
0.017
75
BELDEN
YR46359
COAX
_
-023
0.235
0.034
75
BELDEN
YR46400
COAX
-2A
-014
0.242
0.033
75
BELDEN
YR46844
COAX
_
-009
0.155
0.020
75
BRAND REX
T-14670
TWINAX
*
-215
0.237
0.030
_
BRAND REX
T18-11222-24-2/G-0
TWINAX
-27
-223
0.112
0.023
_
BRAND-REX
A-779
COAX
-5
-004
0.090
0.010
_
BRAND-REX
B-749
COAX
-44
105-1940 (220)
0.080
0.012
_
BRAND-REX
M17/183-00001
COAX
-1
-011
0.195
0.035
50
BRAND-REX
T- 378
COAX
-6
-016
0.312
0.031
_
BRAND-REX
T-10971
TWINAX
-24
-221
0.161
0.024
_
BRAND-REX
T-14018
TRIAX
-25A
_
0.250
0.030
_
BRAND-REX
T-2948
TRIAX
-26
_
0.165
0.012
_
BRAND-REX
T-385
COAX
-44
*
0.80
0.012
_
CANFORD
PSF 1/3
COAX
-2B
-015
0.250
0.024
75
COMMSCOPE
5905
COAX
-6A
-051
0.405
0.048
75
COMMSCOPE
222
COAX
-4
-009
0.155
0.024
75
COMMSCOPE
232
COAX
-4
-009
0.155
0.024
75
COMMSCOPE
242
COAX
-6A
0.415
0.064
75
COMMSCOPE
322
COAX
*
-009
0.160
0.020
_
COMMSCOPE
332
COAX
-4
-009
0.155
0.024
75
COMMSCOPE
356
COAX
-6A
_
0.415
0.064
75
COMMSCOPE
357
COAX
-024
0.260
0.040
75
COMMSCOPE
358
COAX
-41
-020
0.280
0.040
75
COMMSCOPE
401
COAX
-22
-009
0.155
0.020
75
COMMSCOPE
2035
COAX
*
-026
0.127
0.016
75
COMMSCOPE
3104
COAX
-1
-011
0.188
0.037
50
COMMSCOPE
3130
COAX
-1
-021
0.201
0.032
50
COMMSCOPE
3135
COAX
-1
-021
0.199
0.035
50
COMMSCOPE
3136
COAX
-1
-011
0.199
0.037
50
COMMSCOPE
3139
COAX
-1
-021
0.202
0.031
50
COMMSCOPE
3140
COAX
-1
-021
0.195
0.033
50
COMMSCOPE
3141
COAX
-41
-020
0.272
0.040
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com