Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL75-47 Datasheet(PDF) 85 Page - Emerson Network Power

Part # PL75-47
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL75-47 Datasheet(HTML) 85 Page - Emerson Network Power

Back Button PL75-47 Datasheet HTML 81Page - Emerson Network Power PL75-47 Datasheet HTML 82Page - Emerson Network Power PL75-47 Datasheet HTML 83Page - Emerson Network Power PL75-47 Datasheet HTML 84Page - Emerson Network Power PL75-47 Datasheet HTML 85Page - Emerson Network Power PL75-47 Datasheet HTML 86Page - Emerson Network Power PL75-47 Datasheet HTML 87Page - Emerson Network Power PL75-47 Datasheet HTML 88Page - Emerson Network Power PL75-47 Datasheet HTML 89Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 100 page
background image
83
Cable Group Table
Cable Group Table
CABLE MANUFACTURER
CABLE NUMBER
CABLE TYPE
WRENCH STYLE
CRIMP STYLE
JACKET SIZE
CONDUCTOR
IMPEDANCE
COMMSCOPE
5740F
COAX
-6
*
0.308
0.038
75
COMMSCOPE
5740H1
COAX
-6
*
0.308
0.040
75
COMMSCOPE
5740R
COAX
-6
*
0.308
0.040
75
COMMSCOPE
5913R
COAX
-6A
_
0.415
0.064
75
COMMSCOPE
5916R
COAX
-6A
TOO LARGE
0.415
0.064
75
COMMSCOPE
720T1
COAX
-22
-009
0.155
0.020
75
COMMSCOPE
720T2
COAX
-22
-009
0.155
0.020
75
COMMSCOPE
734C()
COAX
-63
-025
0.236
0.032
75
COMMSCOPE
734C1H
COAX
-63
-025
0.236
0.032
75
COMMSCOPE
734C1P
COAX
-63
*
0.219
0.032
75
COMMSCOPE
734S( )
COAX
-63
-025
0.236
0.032
75
COMMSCOPE
734S1H
COAX
-63
-025
0.236
0.032
75
COMMSCOPE
734ST
COAX
-63
-025
0.236
0.032
75
COMMSCOPE
734STH
COAX
-63
-025
0.236
0.032
75
COMMSCOPE
735(#)
COAX
*
-026
0.130
0.016
75
COMMSCOPE
735()H
COAX
*
-026
0.129
0.016
75
COMMSCOPE
735()P
COAX
*
-026
0.127
0.016
75
COMMSCOPE
73501B
COAX
_
-026
0.137
0.016
75
COMMSCOPE
73501H
COAX
*
-026
0.127
0.016
75
COMMSCOPE
73502H
COAX
*
-026
0.127
0.016
75
COMMSCOPE
735T()H
COAX
*
-026
0.129
0.016
75
COMMSCOPE
735T2
COAX
*
-026
0.126
0.016
75
COMMSCOPE
F1160BV
COAX
-6A
*
0.395
0.064
75
COMMSCOPE
F1160BVV
COAX
-6A
*
0.395
0.064
75
COMMSCOPE
F11SSEF
COAX
-6A
_
0.405
0.064
75
COMMSCOPE
F11SSVV
COAX
-6A
TOO LARGE
0.395
0.064
_
COMMSCOPE
F5967BVM
COAX
-2
-014
0.240
0.032
75
COMMSCOPE
F5967BVV
COAX
-2
-014
0.240
0.032
75
COMMSCOPE
F660BVV
COAX
-41
-020
0.272
0.040
75
COMMSCOPE
F6SSEF
COAX
-6
*
0.300
0.040
75
COMMSCOPE
F6SSVM-APDI-22-APD
COAX
_
-020
0.281
0.040
75
COMMSCOPE
OP73801DB
COAX
-6
*
0.290
0.040
75
COMMSCOPE
VDM230
COAX
_
-009
0.171
0.023
75
COMMSCOPE
WBC-300(R)
COAX
-6
*
0.070
0.070
50
COMMSCOPE
5726
COAX
-41
-020
0.272
0.040
74
COMPOSITE VIDEO
VA-2/2
COAX
_
-009
_
_
75
COMPREHENSIVE VIDEO
CVC-59STXF
COAX
-2
-023
0.236
0.031
75
CONSOLIDATED
4459
COAX
-5
-003
0.105
0.019
50
CONSOLIDATED
4462
TRIAX
*
_
0.485
0.091
50
DRAKA
0.6/3.7
COAX
_
-022
0.237
0.024
75
DRAKA
IMAGE720
COAX
_
-019
0.232
0.031
75
DRAKA-HELEX
32448A
COAX
_
-030
_
_
75
DRAKE
IMAGE1000
COAX
_
-020
0.268
0.039
75
ESSEX
1000
COAX
-6A
_
0.405
0.085
_
ESSEX
21-004
COAX
-6A
_
0.405
0.085
_
ESSEX
21-025
COAX
-2
_
0.242
0.025
_
ESSEX
21-204
TRIAX
-42
_
0.285
0.036
_
ESSEX
21-529
TRIAX
-14
_
0.460
0.049
_
ESSEX
21-537
COAX
-1
-011
0.195
0.036
_
ESSEX
21-541
COAX
-2
-013
0.242
0.025
_
ESSEX
21-583
TRIAX
-15
TOO LARGE
0.490
0.085
53
ESSEX
21-597
COAX
-22
-009
0.150
0.017
_
ESSEX
21-780
COAX
-6B
_
0.420
0.087
_
ESSEX
21-795
COAX
-2
_
0.242
0.023
_
Note: * = Special contact customer service
For a complete listing please refer to the online catalog.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com