Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL75-47 Datasheet(PDF) 73 Page - Emerson Network Power

Part # PL75-47
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL75-47 Datasheet(HTML) 73 Page - Emerson Network Power

Back Button PL75-47 Datasheet HTML 69Page - Emerson Network Power PL75-47 Datasheet HTML 70Page - Emerson Network Power PL75-47 Datasheet HTML 71Page - Emerson Network Power PL75-47 Datasheet HTML 72Page - Emerson Network Power PL75-47 Datasheet HTML 73Page - Emerson Network Power PL75-47 Datasheet HTML 74Page - Emerson Network Power PL75-47 Datasheet HTML 75Page - Emerson Network Power PL75-47 Datasheet HTML 76Page - Emerson Network Power PL75-47 Datasheet HTML 77Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 100 page
background image
71
Trompeter Finish Specification -1
(TFS-1) Notes:
(2) Bright Gold plate on all connector center contacts, pins, sockets, shall be .000050 min - .000070 max thk, Class 1
(3) Thickness is in accordance with MIL-G-45204B, Para 6.3 "Strikes and Underplating"
(4) Copper Alloy articles on which a nickel undercoat is not used shall not be used for continuous service at temperatures above 149°C
(300°F) QQ-S-365, Para. 3.3.5.
(5) For use on Brass and Beryllium Copper body (shell) and accessory components when 500 hour salt spray test is specified. (For test
conditions, refer to MIL-C-38999, Para. 3.16 and 4.7.12.2, [Method 1001.1 of MIL-STD-1344])
(6) Plating thickness variations, critical and noncritical areas must be plated to within specified lower limits, except where
surfaces cannot be contacted by A .75 inch dia ball, noncritical areas total plating thickness may exceed the specified upper limits
by .000150 maximum.
TFS-1: Finish Specifications
TFS-1A
.0001- .0003 max thk Bright Nickel per QQ-N-290, Class1, Form SB (over)
.000080-.000150 thk Bright Copper per MIL-C-14550 (over) .0005 max
Electroless Nickel per AMS-2404C, Class 1 (On Aluminum Only)
TFS-1B
.000020 - .000030 thk Bright Gold2 per MIL-G-45204, Type II, Grade C,
Class3 (over)
.000050-.000180 thk Bright Nickel3 per QQ-N-290, Class1 (over)
.000080-.000150 thk Bright Copper3 per MIL-C-14550
TFS-1D
.0001min - .000120 max thk Electroless Nickel per AMS 2404C (over)
.000080 min - .000150 max thk Bright Copper per MIL-C-14550
TFS-1E
.0002 min -.0003 max thk Bright Electro Tin per MIL-T-10727, Type 1 and
solder test per Para. 4.6.3.1
TFS-1M4
.000200 min - .000300 max thk Silver per QQ-S-365, Type II (Semi-bright)
Grade A (Chromate post treatment)
(over) .000080 min - .000150 max thk Bright Copper
per MIL-C-14550
TFS-1T5
.000050 -.000100 Bright Tin per MIL-T-10727, Type I (Electro Deposited)
(over) .000150-.00020 Sulfamate Nickel per MIL-P-27418
(over) .00010-.00150 Copper per MIL-C-14550, Class 4
TFS-1U5
.00020-.00030 thk Sulfamate Nickel per MIL-P-27418
(over) .000080-.000150 max thk Copper
per MIL-C-14550
TFS-1V3
.000200-.000300 max thk Silver per QQ-S-365, Type I (Matte), Grade A (over)
.000050-.000180 max thk Sulfamate Nickel per MIL-P-27418, (over)
.000080 min-.000150 max thk Bright Copper
per MIL-C-14550
TFS = Trompeter Finish Specifications
Trompeter General Material/Finish Specifications
Appendix
Materials
Alloy or Type
FED/MIL Spec.
Usage
ABS
Moldings Type 2
MIL-STD-1803
L-P-1883B
Looping plug handles, lock pins
Acetal
Dupont Delrin
L-P-392
Insulators, cases, bushings
Aluminum
2024-T351
QQ-A255/6
Backbars, cases
6061-T6
QQ-A200/8
Stiffener bars
6061-T6
QQ-A250/11
Patch panels
6061-T6511
QQ-A200/8
Backbars, cases
Beryllium Copper
17200 (Bar)
ASTM-B-194
Contact & crescent springs
17300 (Flat)
ASTM-B-196 &197
Contact sockets, fingersprings, washers
Brass
C26000
ASTM-B-36
Ground lugs, washers
C36000
ASTM-B-16
Connector bodies, coupling sleeves, clamp
nuts, hex mtg. nuts, ctr. contact pins, cases
Dupont Acetal Resin #500TL
Homopolymer General Purpose w/
1.5% Teflon Micropower
Moldings
Fluorinated Ethylene
Propylene
(FEP)
ASTM-D-2116
Insulators
Hyflon
MFA Grade 640
Alternate material dielectric
Loctite
495 (Zinc Iridite per ASTM-B633)
QQ-2-325 Type 2 Class 2 Finish
Nylon
6/6 or 6/12
L-P-410A
Insulating bushings
Perfluoroalkoxy
(PFA)
ASTM-D-3307
Cable jackets
Phenolic
XXX
L-P-513 PBE
Patch panels, backbars
Phosphor Bronze
Alloy 544
ASTM-B-139
Contact springs, lockwashers
Polytetrafluoroethylene
(PTFE)
ASTM-D-1710
Dielectrics, insulators
Polyvinylidene Flouride
MIL-I-23053/8
Sealing Sleeves
Rubber
Silicone
ZZ-R-765
Gaskets, O-rings, sealing members
Solder
Sn60, 62, 63, or 96
QQ-S-571
Steel
C1010-1018
QQ-S-636
MPN cases
Music Wire
ASTM-A228 SAE J178
Tension springs
Steel CRS
Type 17-4PH
AMS-5643 Tubing
Corrosion Resistant Steel
303
QQ-S-763
Connector bodies, coupling sleeves, hex
mtg. nuts
302
QQ-S-766
Designation strips
301
ASTM-484, A582
Thermo-plastic Polyester
Glass Filled
MIL-M-24519
Heat resistant molded insulators
Vinyl
Clear Rigid-Self ext.
ASTM-D-635
Designation strip window
Opaque Rigid-Self ext.
ASTM-D-635
Designation strip marking strip
Zinc
Alloy #3
ASTM-B-240/B-86
Selected non-functional parts
Connectors
Patching
Frequency Range
BNC
TNC
70 Series
150 Series
450 Series
WE Standard
WE Miniature
RCA Standard
0-4 GHz
0-11 GHz
0-500 MHz
0-500 MHz
0-2 MHz
0-1 GHz
0-1 GHz
0-200 MHz
VSWR
1.30 Max.
Not Rated
1.04 @ 75 MHz
1.06 Max.
1.05 @ 50 MHz
1.12 @ 100 MHz
-
1.09 @ 100 MHz
1.18 @ 500 MHz
-
1.33 @ 500 MHz
Voltage Rating
500 VRMS@ Sea Level
500 VRMS @ Sea Level
400 VRMS @ Sea Level
250 VRMS @ Sea Level
150 VRMS @ Sea Level
500 VRMS @ Sea Level
250 VRMS @ Sea Level
500 VRMS @ Sea Level
125 VRMS @ 70,000 ft.
125 VRMS @ 70,000 ft.
100 VRMS @
70,000 ft.
62.5 VRMS @
70,000 ft.
Not Rated
Not Rated
Temperature Range
-65°C to 165°C
-65°C to 200°C
-65°C to 165°C
-65°C to165°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com