Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL75-47 Datasheet(PDF) 59 Page - Emerson Network Power

Part # PL75-47
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL75-47 Datasheet(HTML) 59 Page - Emerson Network Power

Back Button PL75-47 Datasheet HTML 55Page - Emerson Network Power PL75-47 Datasheet HTML 56Page - Emerson Network Power PL75-47 Datasheet HTML 57Page - Emerson Network Power PL75-47 Datasheet HTML 58Page - Emerson Network Power PL75-47 Datasheet HTML 59Page - Emerson Network Power PL75-47 Datasheet HTML 60Page - Emerson Network Power PL75-47 Datasheet HTML 61Page - Emerson Network Power PL75-47 Datasheet HTML 62Page - Emerson Network Power PL75-47 Datasheet HTML 63Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 100 page
background image
57
Coax Terminations and RFI (Dust Caps)
Trompeter provides termination and RFI cap for all our connectors.
Resistors are normally ¼ watt for subminiature connectors and ½ watt
for miniature and standard size connectors (1% tolerances for all).
Ordering Instructions
For Terminations Example: PL75 Termination for TRB jacks with 78Ω
resistance and no chain.
Order part number:
TNG1-6-78-D3
Part number from list
Chain options
R-Resistance
D Ring option (see below)
For RFI Caps Example: Patch plug cap for a J74 twinax/triax jack with
no chain.
Order part number:
RFI70-6-D3
Part number from list
Chain options
D Ring option (see below)
Stainless Steel Rope with Mounting Rings
We now provide stainless steel rope with “D” rings. To order
mounting ring for jacks with the “D” mounting hole numbers
listed on the right, add the “D” ring number to the part number.
For Example: RFI20-12-D2
Notes: (3) See Chain options. “U: Designates 75 ohm version available. “R” Resistance. If you cannot find the RFI cap or termination, contact customer service.
Coax Terminations & RFI Caps
D Ring Options
Patching Products / Coax RFI Caps & Terminations
Chain Options
Length
Chain Type
Chain Numbers
N/A
No Chain
-1
3.0"
Brass Chain
-4
6.0"
Brass Chain
-6
10.0"
Brass Chain
-10
Stainless-steel rope
3.0"
Jacketed Stainless-steel rope
-13
6.0"
Jacketed Stainless-steel rope
-14
Inside Diameter
D-
Ring#
Inside Diameter
D-
Ring#
.755"
-D1
.281"
-D7
.630”-.635”
-D2
.610”
-D8
.505”-.510”
-D3
.567”
-D9
.439”-.443”
-D4
.380”-.384”
-D5
Parts to be capped
Description
Terminator
RFI (Dust Caps)
BJ20/CJ20 Series
BNC, Jack
(U)TNASP1-(3)-R (Push on)
RFI25-(3)
BJ20/CJ20 Series
BNC, Jack
(U)TNAS1-(3)-R (Short)
RFI25-(3)
BJ20/CJ20 Series
BNC, Jack
(U)TNA1-(3)-R
RFI25-(3)
BJ20/CJ20
BNC, Jack
(U)TNAP1-(3)-R
RFI25-(3)
BJ40/CJ40 Series
TNC, Jack
(U)TNH1-(3)-R
RFI45-(3)
BJ50/CJ50 Series
TPS, Jack
TNB1-(3)-R (Push on)
RFI55-(3)
BJ50FL Series
TPS, Jack
TNBP1-(3)-R (Push on)
RFI55FL-(3)
BJ50/BJ350
TPS/TCM, Jack
TNBP1-(3)-R (Push on)
RFI355-(3)
BJ95
N, Jack
(U)TNN1-(3)-R
RFI95-(3)
BJ130
F, Jack
TNF1-(3)-R
RFI130-(3)
J3
RCA, Patch Jack
TP-(3)-R
RFI20-(3)
J3W
WECo Patch Jack
TPW-(3)-R
RFI20-(3)
J8
Mini-WECo Coax Patch Jack
TPM-(3)-R
RFI50-(3)
J11
Mini-WECo Patch Jack
TPMW-(3)-R
RFI150-(3)
J94 (90 Series)
Patch Jack
TNP1-(3)-R
RFI94-(3)
J94 (90 Series)
Patch Jack
TPP-(3)-50 (Push-on)
RFI94-(3)
PL20 Series
BNC, Plug
(U)TNAF1-(3)-R
RFI21-(3)
PL50
TPS, Plug
RFI57-(3)
PL220 Series
BNC, Plug
(U)TNAF1-(3)-R
RFI21-(3)
PL40 Series
TNC, Plug
(U)TNHF1-(3)-R
RFI41-(3)
PL95
N, Plug
(U)TNNBJ1-(3)-R (Bulkhead Mount)
RFI97-(3)/ RFIS97-(3)Safety wire



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com