Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9163BBCZ Datasheet(PDF) 39 Page - Analog Devices

Part # AD9163BBCZ
Description  16-Bit, 12 GSPS, RF DAC and Digital Upconverter
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9163BBCZ Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9163BBCZ Datasheet HTML 35Page - Analog Devices AD9163BBCZ Datasheet HTML 36Page - Analog Devices AD9163BBCZ Datasheet HTML 37Page - Analog Devices AD9163BBCZ Datasheet HTML 38Page - Analog Devices AD9163BBCZ Datasheet HTML 39Page - Analog Devices AD9163BBCZ Datasheet HTML 40Page - Analog Devices AD9163BBCZ Datasheet HTML 41Page - Analog Devices AD9163BBCZ Datasheet HTML 42Page - Analog Devices AD9163BBCZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 126 page
background image
Data Sheet
AD9163
Rev. D | Page 39 of 126
a. Set Register 0x036 = 0. Writing anything to
SYSREF_COUNT resets the count.
b. Set Register 0x034 = 0. Writing anything to
SYNC_LMFC_STAT0 saves the data for readback and
registers the count.
c. Read SYSREF_COUNT from the value from
Register 0x036.
4. Perform a one-shot sync.
a. Set Register 0x03A = 0x00. Clear one-shot mode if
already enabled.
b. Set Register 0x03A = 0x02. Enable one-shot sync
mode. The state machine enters monitor mode after a
sync occurs.
5. Optionally, read back the sync SYNC_LMFC_STATx
registers to verify that sync completed correctly.
a. Set Register 0x034 = 0. Register 0x034 must be written
to read the value.
b. Read Register 0x035 and Register 0x034 to find the
value of SYNC_LMFC_STATx. It is recommended to
set SYNC_LMFC_STATx to 0 but it can be set to 4, or
a LMFC period in DAC clocks – 4, due to jitter.
6. Optionally, read back the sync SYSREF_PHASEx register
to identify which phase of the divide by 4 was used to
sample SYSREF±. Read Register 0x038 and Register 0x037
as thermometer code. The MSBs of Register 0x037,
Bits[7:4], normally show the thermometer code value.
7. Turn the link on (Register 0x300, Bit 0 = 1).
8. Read back Register 0x302 (dynamic link latency).
9. Repeat the reestablishment of the link several times (Step 1
to Step 7) and note the dynamic link latency values. Based
on the values, program the LMFC delay (Register 0x304) and
the LMFC variable (Register 0x306), and then restart the link.
Table 20. Sync Processing Modes
Sync Processing
Mode
SYNC_MODE (Register 0x03A, Bits[1:0])
No synchronization
0b00
One shot
0b10
Continuous
0b01
Table 21. SYSREF± Jitter Window Tolerance
SYSREF± Jitter Window
Tolerance (DAC Clock Cycles)
SYSREF_JITTER_WINDOW
(Register 0x039, Bits[5:0])1
±½
0x00
±4
0x04
±8
0x08
±12
0x0C
±16
0x10
±20
0x14
+24
0x18
±28
0x1C
1
The two least significant digits are ignored because the SYSREF± signal is
sampled with a divide by 4 version of the DAC clock. As a result, the jitter
window is set by this divide by 4 clock rather than the DAC clock. It is
recommended that at least a four-DAC clock SYSREF± jitter window be chosen.
Deterministic Latency
JESD204B systems contain various clock domains distributed
throughout its system. Data traversing from one clock domain
to a different clock domain can lead to ambiguous delays in the
JESD204B link. These ambiguities lead to nonrepeatable latencies
across the link from power cycle to power cycle with each new
link establishment. Section 6 of the JESD204B specification
addresses the issue of deterministic latency with mechanisms
defined as Subclass 1 and Subclass 2.
The AD9163 supports JESD204B Subclass 0 and Subclass 1
operation, but not Subclass 2. Write the subclass to Register 0x458,
Bits[7:5].
Subclass 0
This mode gives deterministic latency to within 32 DAC clock
cycles. It does not require any signal on the SYSREF± pins,
which can be left disconnected.
Subclass 0 still requires that all lanes arrive within the same LMFC
cycle and the dual DACs must be synchronized to each other.
Subclass 1
This mode gives deterministic latency and allows the link to be
synced to within four DAC clock periods. It requires an external
SYSREF± signal that is accurately phase aligned to the DAC clock.
Deterministic Latency Requirements
Several key factors are required for achieving deterministic
latency in a JESD204B Subclass 1 system.
•
SYSREF± signal distribution skew within the system must
be less than the desired uncertainty.
•
SYSREF± setup and hold time requirements must be met
for each device in the system.
•
The total latency variation across all lanes, links, and
devices must be ≤10 PCLK periods, which includes both
variable delays and the variation in fixed delays from lane
to lane, link to link, and device to device in the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com