Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9163BBCZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9163BBCZ
Description  16-Bit, 12 GSPS, RF DAC and Digital Upconverter
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9163BBCZ Datasheet(HTML) 5 Page - Analog Devices

  AD9163BBCZ Datasheet HTML 1Page - Analog Devices AD9163BBCZ Datasheet HTML 2Page - Analog Devices AD9163BBCZ Datasheet HTML 3Page - Analog Devices AD9163BBCZ Datasheet HTML 4Page - Analog Devices AD9163BBCZ Datasheet HTML 5Page - Analog Devices AD9163BBCZ Datasheet HTML 6Page - Analog Devices AD9163BBCZ Datasheet HTML 7Page - Analog Devices AD9163BBCZ Datasheet HTML 8Page - Analog Devices AD9163BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 126 page
background image
Data Sheet
AD9163
Rev. D | Page 5 of 126
DAC INPUT CLOCK OVERCLOCKING SPECIFICATIONS
VDD25_DAC = 2.5 V, VDD12A = VDD12_CLK = 1.2 V, VNEG_N1P2 = −1.2 V, DVDD = 1.2 V, IOVDD = 2.5 V, VDD_1P2 =
DVDD_1P2 = PLL_LDO_VDD12 = 1.2 V, SYNC_VDD_3P3 = 3.3 V, IOUTFS = 40 mA, TA = −40°C to +85°C, unless otherwise noted.
Maximum guaranteed speed using the temperatures and voltages conditions as shown in Table 2, where VDDx is VDD12_CLK, DVDD,
VDD_1P2, DVDD_1P2, and PLL_LDO_VDD12. Any DAC clock speed over 5.1 GSPS requires a maximum junction temperature of
105°C to avoid damage to the device. See Table 10 for details on maximum junction temperature permitted for certain clock speeds.
Table 2.
Parameter1
Test Conditions/Comments
Min
Typ
Max
Unit
MAXIMUM DAC UPDATE RATE
VDDx = 1.2 V ± 5%
TJMAX = 25°C
6.0
GSPS
TJMAX = 85°C
5.6
GSPS
TJMAX = 105°C
5.4
GSPS
VDDx = 1.2 V ± 2%
TJMAX = 25°C
6.1
GSPS
TJMAX = 85°C
5.8
GSPS
TJMAX = 105°C
5.6
GSPS
VDDx = 1.3 V ± 2%
TJMAX = 25°C
6.4
GSPS
TJMAX = 85°C
6.2
GSPS
TJMAX = 105°C
6.0
GSPS
1
TJMAX is the maximum junction temperature.
POWER SUPPLY DC SPECIFICATIONS
IOUTFS = 40 mA, TA = −40°C to +85°C, unless otherwise noted. FIR85 is the finite impulse response with 85 dB digital attenuation.
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
8 LANES, 6× INTERPOLATION (80%), 3 GSPS
NCO on, FIR85 on
Analog Supply Currents
VDD25_DAC = 2.5 V
93.8
mA
VDD12A = 1.2 V
3.7
µA
VDD12_CLK = 1.2 V
228.7
mA
VNEG_N1P2 = −1.2 V
−120.7
mA
Digital Supply Currents
DVDD = 1.2 V
598.4
mA
IOVDD = 2.5 V
2.5
mA
SERDES Supply Currents
VDD_1P2 = 1.2 V
Includes VTT_1P2, BIAS_VDD_1P2
443.4
mA
DVDD_1P2 = 1.2 V
72.3
mA
PLL_LDO_VDD12 = 1.2 V
Connected to PLL_CLK_VDD12
81.8
mA
SYNC_VDD_3P3 = 3.3 V
9.4
mA
8 LANES, 8× INTERPOLATION (80%), 5 GSPS
NCO on, FIR85 off (unless otherwise noted)
Analog Supply Currents
VDD25_DAC = 2.5 V
94
100
mA
VDD12A = 1.2 V
80
150
µA
VDD12_CLK = 1.2 V
341
435
mA
VNEG_N1P2 = −1.2 V
−119
−112
mA
Digital Supply Currents
DVDD = 1.2 V
NCO on, FIR85 off
495
878
mA
IOVDD = 2.5 V
2.5
2.7
mA
SERDES Supply Currents
VDD_1P2 = 1.2 V
Includes VTT_1P2, BIAS_VDD_1P2
477
681
mA
DVDD_1P2 = 1.2 V
89
130
mA
PLL_LDO_VDD12 = 1.2 V
Connected to PLL_CLK_VDD12
81
112
mA
SYNC_VDD_3P3 = 3.3 V
9.3
11
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com