Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9163BBCZ Datasheet(PDF) 44 Page - Analog Devices

Part # AD9163BBCZ
Description  16-Bit, 12 GSPS, RF DAC and Digital Upconverter
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9163BBCZ Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9163BBCZ Datasheet HTML 40Page - Analog Devices AD9163BBCZ Datasheet HTML 41Page - Analog Devices AD9163BBCZ Datasheet HTML 42Page - Analog Devices AD9163BBCZ Datasheet HTML 43Page - Analog Devices AD9163BBCZ Datasheet HTML 44Page - Analog Devices AD9163BBCZ Datasheet HTML 45Page - Analog Devices AD9163BBCZ Datasheet HTML 46Page - Analog Devices AD9163BBCZ Datasheet HTML 47Page - Analog Devices AD9163BBCZ Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 126 page
background image
AD9163
Data Sheet
Rev. D | Page 44 of 126
Table 26. JESD204B Parameters for Interpolation Rate and Number of Lanes
Interpolation
Rate
No. of
Lanes
M
F
S
PCLK Period
(DAC Clocks)
LMFC Period
(DAC Clocks)
Lane Rate at 5 GHz DAC Clock
(GHz)
6
3
2
4
3
18
576
11.11
6
4
2
1
1
24
192
8.33
6
6
2
2
3
36
576
5.55
6
8
2
1
2
48
384
4.16
8
2
2
2
1
16
256
12.5
8
3
2
4
3
24
768
8.33
8
4
2
1
1
32
256
6.25
8
6
2
2
3
48
768
4.16
8
8
2
1
2
64
512
3.12
12
2
2
2
1
24
384
8.33
12
3
2
4
3
36
1152
5.55
12
4
2
1
1
48
384
4.16
12
6
2
2
3
72
1152
2.77
12
8
2
1
2
96
768
2.08
16
1
2
4
1
16
512
12.5
16
2
2
2
1
32
512
6.25
16
3
2
4
3
48
1536
4.16
16
4
2
1
1
64
512
3.12
16
6
2
2
3
96
1536
2.08
16
8
2
1
2
128
1024
1.56
24
1
2
4
1
24
768
8.33
24
2
2
2
1
48
768
4.16
24
3
2
4
3
72
2304
2.77
24
4
2
1
1
96
768
2.08
24
6
2
2
3
144
2304
1.38
24
8
2
1
2
192
1536
1.04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com