Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9163BBCZ Datasheet(PDF) 60 Page - Analog Devices

Part # AD9163BBCZ
Description  16-Bit, 12 GSPS, RF DAC and Digital Upconverter
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9163BBCZ Datasheet(HTML) 60 Page - Analog Devices

Back Button AD9163BBCZ Datasheet HTML 56Page - Analog Devices AD9163BBCZ Datasheet HTML 57Page - Analog Devices AD9163BBCZ Datasheet HTML 58Page - Analog Devices AD9163BBCZ Datasheet HTML 59Page - Analog Devices AD9163BBCZ Datasheet HTML 60Page - Analog Devices AD9163BBCZ Datasheet HTML 61Page - Analog Devices AD9163BBCZ Datasheet HTML 62Page - Analog Devices AD9163BBCZ Datasheet HTML 63Page - Analog Devices AD9163BBCZ Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 126 page
background image
AD9163
Data Sheet
Rev. D | Page 60 of 126
Insertion Loss
The JESD204B specification limits the amount of insertion loss
allowed in the transmission channel (see Figure 93). The AD9163
equalization circuitry allows significantly more loss in the channel
than is required by the JESD204B specification. It is still important
that the designer of the PCB minimize the amount of insertion
loss by adhering to the following guidelines:
•
Keep the differential traces short by placing the AD9163 as
near the transmitting logic device as possible and routing
the trace as directly as possible between the devices.
•
Route the differential pairs on a single plane using a solid
ground plane as a reference. It is recommended to route the
SERDES lanes on the same layer as the AD9163 to avoid vias
being used in the SERDES lanes.
•
Use a PCB material with a low dielectric constant (<4) to
minimize loss, if possible.
When choosing between the stripline and microstrip techniques,
keep in mind the following considerations: stripline has less loss
(see Figure 95 and Figure 96) and emits less EMI, but requires
the use of vias that can add complexity to the task of controlling
the impedance; whereas microstrip is easier to implement (if
the component placement and density allow routing on the top
layer) and eases the task of controlling the impedance.
If using the top layer of the PCB is problematic or the advantages
of stripline are desirable, follow these recommendations:
•
Minimize the number of vias.
•
If possible, use blind vias to eliminate via stub effects and
use microvias to minimize via inductance.
•
If using standard vias, use the maximum via length to
minimize the stub size. For example, on an 8-layer board,
use Layer 7 for the stripline pair (see Figure 122).
•
For each via pair, place a pair of ground vias adjacent to them
to minimize the impedance discontinuity (see Figure 122).
LAYER 1
LAYER 2
LAYER 3
LAYER 4
LAYER 5
LAYER 6
LAYER 7
LAYER 8
MINIMIZE STUB EFFECT
GND
GND
DIFF–
DIFF+
y
y
y
ADD GROUND VIAS
STANDARD VIA
Figure 122. Minimizing Stub Effect and Adding Ground Vias for Differential
Stripline Traces
Return Loss
The JESD204B specification limits the amount of return loss
allowed in a converter device and a logic device, but does not
specify return loss for the channel. However, every effort must
be made to maintain a continuous impedance on the transmis-
sion line between the transmitting logic device and the AD9163.
Minimizing the use of vias, or eliminating them all together,
reduces one of the primary sources for impedance mismatches
on a transmission line (see the Insertion Loss section). Maintain a
solid reference beneath (for microstrip) or above and below (for
stripline) the differential traces to ensure continuity in the imped-
ance of the transmission line. If the stripline technique is used,
follow the guidelines listed in the Insertion Loss section to
minimize impedance mismatches and stub effects.
Another primary source for impedance mismatch is at either
end of the transmission line, where care must be taken to match
the impedance of the termination to that of the transmission
line. The AD9163 handles this internally with a calibrated
termination scheme for the receiving end of the line. See the
Interface Power-Up and Input Termination section for details on
this circuit and the calibration routine.
Signal Skew
There are many sources for signal skew, but the two sources to
consider when laying out a PCB are interconnect skew within a
single JESD204B link and skew between multiple JESD204B
links. In each case, keeping the channel lengths matched to within
12.5 mm is adequate for operating the JESD204B link at speeds
of up to 12.5 Gbps. This amount of channel length match is
equivalent to about 85% UI on the AD9163 evaluation board.
Managing the interconnect skew within a single link is fairly
straightforward. Managing multiple links across multiple devices
is more complex. However, follow the 12.5 mm guideline for
length matching. The AD9163 can handle more skew than the
85% UI due to the 6 PCLK buffer in the JESD204B receiver, but
matching the channel lengths as close as possible is still
recommended.
Topology
Structure the differential SERDINx± pairs to achieve 50 Ω to
ground for each half of the pair. Stripline vs. microstrip trade-
offs are described in the Insertion Loss section. In either case, it
is important to keep these transmission lines separated from
potential noise sources such as high speed digital signals and
noisy supplies. If using stripline differential traces, route them
using a coplanar method, with both traces on the same layer.
Although this method does not offer more noise immunity
than the broadside routing method (traces routed on adjacent
layers), it is easier to route and manufacture so that the impedance
continuity is maintained. An illustration of broadside vs.
coplanar is shown in Figure 123.
Tx DIFF A
Tx
DIFF A
Tx
DIFF B
Tx
ACTIVE
Tx DIFF B
Tx ACTIVE
BROADSIDE DIFFERENTIAL Tx LINES
COPLANAR DIFFERENTIAL Tx LINES
Figure 123. Broadside vs. Coplanar Differential Stripline Routing Techniques



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com