Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9163BBCZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD9163BBCZ
Description  16-Bit, 12 GSPS, RF DAC and Digital Upconverter
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9163BBCZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9163BBCZ Datasheet HTML 9Page - Analog Devices AD9163BBCZ Datasheet HTML 10Page - Analog Devices AD9163BBCZ Datasheet HTML 11Page - Analog Devices AD9163BBCZ Datasheet HTML 12Page - Analog Devices AD9163BBCZ Datasheet HTML 13Page - Analog Devices AD9163BBCZ Datasheet HTML 14Page - Analog Devices AD9163BBCZ Datasheet HTML 15Page - Analog Devices AD9163BBCZ Datasheet HTML 16Page - Analog Devices AD9163BBCZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 126 page
background image
Data Sheet
AD9163
Rev. D | Page 13 of 126
TYPICAL PERFORMANCE CHARACTERISTICS
STATIC LINEARITY
IOUTFS = 40 mA, nominal supplies, TA = 25°C, unless otherwise noted.
15
10
5
0
–5
–10
0
10000
20000
30000
CODE
40000
50000
60000
Figure 5. INL, IOUTFS = 20 mA
15
10
5
0
–5
–10
0
10000
20000
30000
CODE
40000
50000
60000
Figure 6. INL, IOUTFS = 30 mA
15
10
5
0
–5
–10
0
10000
20000
30000
CODE
40000
50000
60000
Figure 7. INL, IOUTFS = 40 mA
4
2
0
–2
–6
–4
–10
–8
–12
0
10000
20000
30000
CODE
40000
50000
60000
Figure 8. DNL, IOUTFS = 20 mA
4
–2
0
2
–4
–6
–10
–8
–12
0
10000
20000
30000
CODE
40000
50000
60000
Figure 9. DNL, IOUTFS = 30 mA
4
–2
0
2
–4
–6
–10
–8
–12
0
10000
20000
30000
CODE
40000
50000
60000
Figure 10. DNL, IOUTFS = 40 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com