Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9163BBCZ Datasheet(PDF) 96 Page - Analog Devices

Part # AD9163BBCZ
Description  16-Bit, 12 GSPS, RF DAC and Digital Upconverter
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9163BBCZ Datasheet(HTML) 96 Page - Analog Devices

Back Button AD9163BBCZ Datasheet HTML 92Page - Analog Devices AD9163BBCZ Datasheet HTML 93Page - Analog Devices AD9163BBCZ Datasheet HTML 94Page - Analog Devices AD9163BBCZ Datasheet HTML 95Page - Analog Devices AD9163BBCZ Datasheet HTML 96Page - Analog Devices AD9163BBCZ Datasheet HTML 97Page - Analog Devices AD9163BBCZ Datasheet HTML 98Page - Analog Devices AD9163BBCZ Datasheet HTML 99Page - Analog Devices AD9163BBCZ Datasheet HTML 100Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 126 page
background image
AD9163
Data Sheet
Rev. D | Page 96 of 126
Hex.
Addr. Name
Bits Bit Name
Settings
Description
Reset Access
100 Grab data from Lane 4.
101 Grab data from Lane 5.
110 Grab data from Lane 6.
111 Grab data from Lane 7.
1
PHY_GRAB_MODE
Use error trigger to grab data.
0x0
R/W
0 Grab data when
PHY_GRAB_DATA is set.
1 Grab data upon bit error.
0
PHY_GRAB_DATA
Transition from 0 to 1 causes logic to
store current receive data from one
lane.
0x0
R/W
0x31F PHY_SNAPSHOT_DATA_BYTE0
[7:0] PHY_SNAPSHOT_DATA_BYTE0
Current data received represents
PHY_SNAPSHOT_DATA[7:0].
0x0
R
0x320 PHY_SNAPSHOT_DATA_BYTE1
[7:0] PHY_SNAPSHOT_DATA_BYTE1
Current data received represents
PHY_SNAPSHOT_DATA[15:8].
0x0
R
0x321 PHY_SNAPSHOT_DATA_BYTE2
[7:0] PHY_SNAPSHOT_DATA_BYTE2
Current data received represents
PHY_SNAPSHOT_DATA[23:16].
0x0
R
0x322 PHY_SNAPSHOT_DATA_BYTE3
[7:0] PHY_SNAPSHOT_DATA_BYTE3
Current data received represents
PHY_SNAPSHOT_DATA[31:24].
0x0
R
0x323 PHY_SNAPSHOT_DATA_BYTE4
[7:0] PHY_SNAPSHOT_DATA_BYTE4
Current data received represents
PHY_SNAPSHOT_DATA[39:32].
0x0
R
0x32C SHORT_TPL_TEST_0
[7:4] SHORT_TPL_SP_SEL
Short transport layer sample
selection. Select which sample to
check from a specific DAC.
0x0
R/W
0000 Sample 0.
0001 Sample 1.
0010 Sample 2.
0011 Sample 3.
0100 Sample 4.
0101 Sample 5.
0110 Sample 6.
0111 Sample 7.
1000 Sample 8.
1001 Sample 9.
1010 Sample 10.
1011 Sample 11.
1100 Sample 12.
1101 Sample 13.
1110 Sample 14.
1111 Sample 15.
[3:2] SHORT_TPL_M_SEL
Short transport layer test DAC
selection. Select which DAC to
check.
0x0
R/W
00 DAC 0.
01 DAC 1.
10 DAC 2.
11 DAC 3.
1
SHORT_TPL_TEST_RESET
Short transport layer test reset.
Resets the result of short
transport layer test.
0x0
R/W
0 Not reset.
1 Reset.
0
SHORT_TPL_TEST_EN
Short transport layer test enable.
Enable short transport layer test.
0x0
R/W
0 Disable.
1 Enable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com