Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9163BBCZ Datasheet(PDF) 58 Page - Analog Devices

Part # AD9163BBCZ
Description  16-Bit, 12 GSPS, RF DAC and Digital Upconverter
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9163BBCZ Datasheet(HTML) 58 Page - Analog Devices

Back Button AD9163BBCZ Datasheet HTML 54Page - Analog Devices AD9163BBCZ Datasheet HTML 55Page - Analog Devices AD9163BBCZ Datasheet HTML 56Page - Analog Devices AD9163BBCZ Datasheet HTML 57Page - Analog Devices AD9163BBCZ Datasheet HTML 58Page - Analog Devices AD9163BBCZ Datasheet HTML 59Page - Analog Devices AD9163BBCZ Datasheet HTML 60Page - Analog Devices AD9163BBCZ Datasheet HTML 61Page - Analog Devices AD9163BBCZ Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 126 page
background image
AD9163
Data Sheet
Rev. D | Page 58 of 126
INTERRUPT REQUEST OPERATION
The AD9163 provides an interrupt request output signal (IRQ)
on Ball G4 that can be used to notify an external host processor
of significant device events. On assertion of the interrupt, query
the device to determine the precise event that occurred. The
IRQ pin is an open-drain, active low output. Pull the IRQ pin
high, external to the device. This pin can be tied to the interrupt
pins of other devices with open-drain outputs to wire; OR these
pins together.
Figure 121 shows a simplified block diagram of how the IRQ
blocks work. If IRQ_EN is low, the INTERRUPT_SOURCE
signal is set to 0. If IRQ_EN is high, any rising edge of EVENT
causes the INTERRUPT_SOURCE signal to be set high. If any
INTERRUPT_SOURCE signal is high, the IRQ pin is pulled
low. INTERRUPT_SOURCE can be reset to 0 by either an
IRQ_RESET signal or a DEVICE_RESET signal.
Depending on the STATUS_MODE signal, the EVENT_STATUS
bit reads back an event signal or INTERRUPT_SOURCE signal.
The AD9163 has several interrupt register blocks (IRQ) that can
monitor up to 75 events (depending on device configuration).
Certain details vary by IRQ register block as described in Table 37.
Table 38 shows the source registers of the IRQ_EN, IRQ_RESET,
and STATUS_MODE signals in Figure 121, as well as the address
where EVENT_STATUS is read back.
Table 37. IRQ Register Block Details
Register Block
Event
Reported
EVENT_STATUS
0x020, 0x024
Per chip
INTERRUPT_SOURCE if
IRQ is enabled; if not, it
is the event signal
0x4B8 to 0x4BB; 0x470
to 0x473
Per link and
lane
INTERRUPT_SOURCE if
IRQ is enabled; if not, 0
INTERRUPT SERVICE ROUTINE
Interrupt request management starts by selecting the set of event
flags that require host intervention or monitoring. Enable the
events that require host action so that the host is notified when
they occur. For events requiring host intervention upon IRQ
activation, run the following routine to clear an interrupt request:
1. Read the status of the event flag bits that are being monitored.
2. Disable the interrupt by writing 0 to IRQ_EN.
3. Read the event source.
4. Perform any actions that may be required to clear the cause
of the event. In many cases, no specific actions may be
required.
5. Verify that the event source is functioning as expected.
6. Clear the interrupt by writing 1 to IRQ_RESET.
7. Enable the interrupt by writing 1 to IRQ_EN.
IRQ_EN
EVENT
DEVICE_RESET
EVENT_STATUS
INTERRUPT_SOURCE
IRQ_EN
STATUS_MODE
1
0
1
0
OTHER
INTERRUPT
SOURCES
IRQ
IRQ_RESET
Figure 121. Simplified Schematic of IRQ Circuitry
Table 38. IRQ Register Block Address of IRQ Signal Details
Register Block
Address of IRQ Signals1
IRQ_EN
IRQ_RESET
STATUS_MODE2
EVENT_STATUS
0x020, 0x024
0x020; R/W per chip
0x024; W per chip
STATUS_MODE = IRQ_EN
0x024; R per chip
0x4B8 to 0x4BB
0x4B8, 0x4B9; W per error type
0x4BA, 0x4BB; W per error type
N/A, STATUS_MODE = 1
0x4BA, 0x4BB; R per chip
0x470 to 0x473
0x470 to 0x473; W per error type
0x470 to 0x473; W per link
N/A, STATUS_MODE = 1
0x470 to 0x473; R per link
1
R is read; W is write; and R/W is read/write.
2
N/A means not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com