Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4887PS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA4887PS
Description  160 MHz bus-controlled monitor video preamplifier
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4887PS Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA4887PS Datasheet HTML 1Page - NXP Semiconductors TDA4887PS Datasheet HTML 2Page - NXP Semiconductors TDA4887PS Datasheet HTML 3Page - NXP Semiconductors TDA4887PS Datasheet HTML 4Page - NXP Semiconductors TDA4887PS Datasheet HTML 5Page - NXP Semiconductors TDA4887PS Datasheet HTML 6Page - NXP Semiconductors TDA4887PS Datasheet HTML 7Page - NXP Semiconductors TDA4887PS Datasheet HTML 8Page - NXP Semiconductors TDA4887PS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
2001 Oct 19
4
Philips Semiconductors
Product specification
160 MHz bus-controlled monitor video
preamplifier
TDA4887PS
4
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage (pin 7)
7.6
8.0
8.8
V
IP
supply current (pin 7)
−
25
30
mA
VP(n)
supply voltage; channels 1, 2 and 3
(pins 21, 18 and 15)
7.6
8.0
8.8
V
IP(n)
supply current; channels 1, 2 and 3
(pins 21, 18 and 15)
−
20
25
mA
Vi(n)(b-w)
input voltage; channels 1, 2 and 3
(pins 6, 8 and 10) (black-to-white value)
−
0.7
1.0
V
Vo(n)(b-w)(max)
maximum output voltage swing
(black-to-white value); channels 1,
2 and 3 (pins 22, 19 and 16)
maximum contrast;
maximum gain;
Vi(n)(b-w) = 0.7 V; RL =2kΩ
4.2
4.6
4.9
V
Vo(n)
output voltage level (pins 22,
19 and 16)
0.1
−
VP(n) − 1V
Io(n)(source)(M)
peak output source current
(pins 22, 19 and 16)
during fast positive signal
transients
−40
−−
mA
Io(n)(sink)(M)
peak output sink current
(pins 22, 19 and 16)
during fast negative signal
transients
−−
20
mA
Vbl(n)(ref)
black level reference voltage
(pins 22, 19 and 16)
typical values
DC coupling
control bit FPOL = 0
0.5
−
2.0
V
AC coupling
control bit FPOL = 1;
no pedestal blanking
0.53
−
1.89
V
tr(n)
rise time of fast transients at signal
outputs (pins 22, 19 and 16)
−
2.7
−
ns
tf(n)
fall time of fast transients at signal
outputs (pins 22, 19 and 16)
−
3.6
−
ns
δV
o(n)
overshoot/undershoot at signal outputs
(pins 22, 19 and 16)
input rise/fall times = 1 ns;
maximum colour signal
−−
10
%
αct(f)
crosstalk suppression by frequency
f = 50 MHz
25
−−
dB
δ
C
contrast control: colour signal related to
maximum colour signal
−45
−
0dB
∆G
track
tracking of output colour signals of
channels 1, 2 and 3
contrast control from
maximum to minimum
−
0
0.5
dB
δG
gain control related to maximum gain
−13.5 −
0dB
∆V
bl(n)
brightness control (difference between
video black level and reference black
level at signal outputs related to
maximum colour signal)
control bit BRI = 0
−10
−
+33
%
∆VDA(n)
brightness control range (DAC output
voltages for AC coupling or internal
feedback reference voltage for DC
coupling)
from maximum to
minimum; control bit
BRI=1
−1.4
−
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com