Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4887PS Datasheet(PDF) 32 Page - NXP Semiconductors

Part # TDA4887PS
Description  160 MHz bus-controlled monitor video preamplifier
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4887PS Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button TDA4887PS Datasheet HTML 28Page - NXP Semiconductors TDA4887PS Datasheet HTML 29Page - NXP Semiconductors TDA4887PS Datasheet HTML 30Page - NXP Semiconductors TDA4887PS Datasheet HTML 31Page - NXP Semiconductors TDA4887PS Datasheet HTML 32Page - NXP Semiconductors TDA4887PS Datasheet HTML 33Page - NXP Semiconductors TDA4887PS Datasheet HTML 34Page - NXP Semiconductors TDA4887PS Datasheet HTML 35Page - NXP Semiconductors TDA4887PS Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 68 page
background image
2001 Oct 19
32
Philips Semiconductors
Product specification
160 MHz bus-controlled monitor video
preamplifier
TDA4887PS
11 I2C-BUS PROTOCOL
Table 1
Slave address
Notes
1. Address bit.
2. Write bit.
Table 2
Slave receiver format
Notes
1. START condition.
2. A = acknowledge.
After an intermediate power dip all registers are set to their initial values (see note 3 at Table 4) and an internal
power-on reset bit will be set with the consequence that the device will give no acknowledge on the data byte after
a first addressing. The power-on reset bit will be reset if the control register is addressed. It is recommended to then
refresh all registers by using the auto-increment function.
3. All subaddresses within the range 00H to 0BH are automatically incremented. The subaddress counter wraps
around from 0BH to 00H. For subaddresses within the range 80H to 8FH no auto-increment takes place.
Subaddresses outside the ranges 00H to 0BH and 80H to 8BH are acknowledged by the device but no
auto-increment or any other internal operation takes place.
4. Single data byte in case of no auto-increment of subaddresses. More than one data byte with auto-increment of
subaddresses.
5. STOP condition.
A6(1)
A5(1)
A4(1)
A3(1)
A2(1)
A1(1)
A0(1)
W(2)
10001000
S(1)
SLAVE ADDRESS A(2)
SUBADDRESS(3) A
DATA BYTE(4) AP(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com