Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4887PS Datasheet(PDF) 46 Page - NXP Semiconductors

Part # TDA4887PS
Description  160 MHz bus-controlled monitor video preamplifier
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4887PS Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button TDA4887PS Datasheet HTML 42Page - NXP Semiconductors TDA4887PS Datasheet HTML 43Page - NXP Semiconductors TDA4887PS Datasheet HTML 44Page - NXP Semiconductors TDA4887PS Datasheet HTML 45Page - NXP Semiconductors TDA4887PS Datasheet HTML 46Page - NXP Semiconductors TDA4887PS Datasheet HTML 47Page - NXP Semiconductors TDA4887PS Datasheet HTML 48Page - NXP Semiconductors TDA4887PS Datasheet HTML 49Page - NXP Semiconductors TDA4887PS Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
2001 Oct 19
46
Philips Semiconductors
Product specification
160 MHz bus-controlled monitor video
preamplifier
TDA4887PS
3. R, G, B gains (white point)
a) Set brightness at nominal (40H)
b) Apply full video white area (700 mV)
c) Activate the computer
d) The computer will adjust the R, G, B gains to meet
the following three conditions:
x = 0.313
y = 0.329
Y = 102.8 cd/m2
For each 3 (2.8) gain increments, the computer will
decrement the black references by one step.
The effect on cathode voltages is demonstrated in Fig.23.
After step 2 the voltages at 18.8% drive are correct but not
those at 100% drive (white) and 0% (black). After step 3
the voltages at 18.8% drive have not changed but white as
well as black voltages are correct now. Any brightness
setting (
−10 to +30%) relates to the individual maximum
video amplitude (black-to-white).
This alignment procedure is adaptable to DC-coupled as
well as AC-coupled cathodes.
handbook, full pagewidth
MHB954
step 2:
Black level references
adjusted with 18.8% drive
and gain set to 80H.
step 1:
Black level references
and gain set to 80H.
10
0
20
30
40
50
60
70
80
cut-off voltage range
from black level
references
(13
× 5.75 to 13 × 3.95)
black
white
18.8%
step 3:
Gain adjustment at 100% white with
automatic black level reference correction.
Cathode voltages for 18.8% drive left
unchanged.
cathode
voltage
(V)
Fig.23 Automatic factory alignment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com