Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4887PS Datasheet(PDF) 53 Page - NXP Semiconductors

Part # TDA4887PS
Description  160 MHz bus-controlled monitor video preamplifier
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4887PS Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button TDA4887PS Datasheet HTML 49Page - NXP Semiconductors TDA4887PS Datasheet HTML 50Page - NXP Semiconductors TDA4887PS Datasheet HTML 51Page - NXP Semiconductors TDA4887PS Datasheet HTML 52Page - NXP Semiconductors TDA4887PS Datasheet HTML 53Page - NXP Semiconductors TDA4887PS Datasheet HTML 54Page - NXP Semiconductors TDA4887PS Datasheet HTML 55Page - NXP Semiconductors TDA4887PS Datasheet HTML 56Page - NXP Semiconductors TDA4887PS Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 68 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
11
HFB; output
clamping input,
blanking input
VHFB > 0.2 V:
open-circuit base
VHFB ≤ 0.2 V: source
current rising with
decreasing voltage
12
SDA; I2C-bus
serial data
input/output
no acknowledge:
open-circuit base
during acknowledge:
ISDA >3mA
13
SCL; I2C-bus
clock input
open-circuit base
PIN
SYMBOL AND
DESCRIPTION
CHARACTERISTIC
WAVEFORM
EQUIVALENT CIRCUIT
MHA649
5 V
0 V
MHA625
27
µA
blanking
1.7 V
clamping
11
VP
VP
1 k
Ω
10 k
Ω
12 k
Ω
10 k
Ω
6 k
Ω
2VBE
3 V
+ VBE
power on/down
27
µA
MHA647
5 V
0 V
halfpage
12
acknowledge
10
k
Ω
6
µA
70
µA
19
µA
2.46 V
+ VBE
MHB924
MHA648
5 V
0 V
alfpage
19
µA
1 k
Ω
2.46 V
+ VBE
13
MHB925



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com