Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4887PS Datasheet(PDF) 42 Page - NXP Semiconductors

Part # TDA4887PS
Description  160 MHz bus-controlled monitor video preamplifier
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4887PS Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button TDA4887PS Datasheet HTML 38Page - NXP Semiconductors TDA4887PS Datasheet HTML 39Page - NXP Semiconductors TDA4887PS Datasheet HTML 40Page - NXP Semiconductors TDA4887PS Datasheet HTML 41Page - NXP Semiconductors TDA4887PS Datasheet HTML 42Page - NXP Semiconductors TDA4887PS Datasheet HTML 43Page - NXP Semiconductors TDA4887PS Datasheet HTML 44Page - NXP Semiconductors TDA4887PS Datasheet HTML 45Page - NXP Semiconductors TDA4887PS Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 68 page
background image
2001 Oct 19
42
Philips Semiconductors
Product specification
160 MHz bus-controlled monitor video
preamplifier
TDA4887PS
handbook, full pagewidth
MHB966
R15/H
8 V
2.7 k
Ω
R16/H
2.7 k
Ω
R1
1
Ω
7808
L2 10
µH
L1 10
µH
R103
C101
CH 1
VIDEO
INPUT
22 nF
33
Ω
R7
10 k
Ω
R8
10 k
Ω
R14
2.2
Ω
R104
5.6
Ω
R106
10
Ω
R10
100
Ω
R11
100
Ω
C102
100 nF
R204
5.6
Ω
R12
100
Ω
R5
1 k
Ω
R4
1 k
Ω
C9
22 nF
C6
100
µF
C3
100 nF
C2
330 nF
R206
10
Ω
C202
100 nF
R304
5.6
Ω
R306
10
Ω
C302
100 nF
R3
5.6
Ω
R2
1
Ω
C7
22 nF
C1
100 nF
R101
75
Ω
R6
1 k
Ω
R302
1 k
Ω
R202
1 k
Ω
R102
1 k
Ω
R9
100
Ω
D1
5.1 V
1.5 nF
C12
TDA4887PS
24
23
22
21
20
19
18
17
16
15
14
R203
C201
CH 2
22 nF
33
Ω
R201
75
Ω
R303
C301
CH 3
22 nF
33
Ω
R301
75
Ω
VERT SYNC
HOR SYNC
13
N
M
L
K
J
I
H
G
F
E
D
C
B
A
1
2
3
4
5
6
7
8
9
10
11
12
13
14
9
10
11
12
5
6
7
8
1
2
3
4
n.c.
n.c.
GROUND
HOR SYNC
VERT SYNC
AQUADAG
BLANKING
Vff
Vff GND
Vg1
Vg2
BEAM CUR LIM
V2 80 V
V1 12 V
CLAMPING
4
3
2
1
CH 1
CH 2
OSD
CH 3
FBL
4
3
2
1
SDA
+5 V
8 V
I2C-BUS
GND
SCL
Fig.20 Application board with LM2435 (drawing is continued in Fig. 20).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com