Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4887PS Datasheet(PDF) 39 Page - NXP Semiconductors

Part # TDA4887PS
Description  160 MHz bus-controlled monitor video preamplifier
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4887PS Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button TDA4887PS Datasheet HTML 35Page - NXP Semiconductors TDA4887PS Datasheet HTML 36Page - NXP Semiconductors TDA4887PS Datasheet HTML 37Page - NXP Semiconductors TDA4887PS Datasheet HTML 38Page - NXP Semiconductors TDA4887PS Datasheet HTML 39Page - NXP Semiconductors TDA4887PS Datasheet HTML 40Page - NXP Semiconductors TDA4887PS Datasheet HTML 41Page - NXP Semiconductors TDA4887PS Datasheet HTML 42Page - NXP Semiconductors TDA4887PS Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
2001 Oct 19
39
Philips Semiconductors
Product specification
160 MHz bus-controlled monitor video
preamplifier
TDA4887PS
handbook, full pagewidth
CLI
J1
J2
J3
TDA4887PS
LIMAC
MHB935
SCL
SDA
OSD3
OSD2
OSD1
VO1
VO2
VO3
VI1
VI2
VI3
FBL
HFB
1 k
Ω
1 k
Ω
5 k
Ω
5 k
Ω 0.47 µF
0.47
µF
0.47
µF
0.47
µF
5 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
50
Ω
+
+
+
+
−
−
−
−
50
Ω
50
Ω
50
Ω
50
Ω
50
Ω
50
Ω
50
Ω
50
Ω
5.6
Ω
5.6
Ω
5.6
Ω
50
Ω
5.6
Ω
10 nF
100 nF
100 nF
100
nF
10 nF
150 pF
3.3 pF
3.3 pF
3.3 pF
150 pF
150 pF
150 pF
150 pF
150 pF
10 k
Ω
10 nF
10 nF
10 nF
U19
81
103
Fig.18 Printed-circuit top view shown with and without components mounted (for bottom view, see Fig.19).
Dimensions are in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com