Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4887PS Datasheet(PDF) 52 Page - NXP Semiconductors

Part # TDA4887PS
Description  160 MHz bus-controlled monitor video preamplifier
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4887PS Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button TDA4887PS Datasheet HTML 48Page - NXP Semiconductors TDA4887PS Datasheet HTML 49Page - NXP Semiconductors TDA4887PS Datasheet HTML 50Page - NXP Semiconductors TDA4887PS Datasheet HTML 51Page - NXP Semiconductors TDA4887PS Datasheet HTML 52Page - NXP Semiconductors TDA4887PS Datasheet HTML 53Page - NXP Semiconductors TDA4887PS Datasheet HTML 54Page - NXP Semiconductors TDA4887PS Datasheet HTML 55Page - NXP Semiconductors TDA4887PS Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 68 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
8VI2; signal input
channel 2
outside clamping
pulse: open-circuit
base with base
current
compensation
II2 during clamping:
−420 to +420 µA
9
GND; ground
10
VI3; signal input
channel 3
outside clamping
pulse: open-circuit
base with base
current
compensation
II3 during clamping:
−420 to +420 µA
PIN
SYMBOL AND
DESCRIPTION
CHARACTERISTIC
WAVEFORM
EQUIVALENT CIRCUIT
MHA652
sync
video signal
input clamping (pin 5)
black
shoulder
4.7 V
4 V
3.7 V
book, halfpage
240
µA
420
µA
0
µA
220
µA
signal
700
Ω
MIRROR
1 : 1
8
VP
VP
1.8 V
+ VBE
MHB927
MHA623
9
MHA652
sync
video signal
input clamping (pin 5)
black
shoulder
4.7 V
4 V
3.7 V
book, halfpage
240
µA
420
µA
0
µA
220
µA
signal
MHB923
700
Ω
MIRROR
1 : 1
10
VP
VP
1.8 V
+ VBE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com