Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA6405ATS Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA6405ATS
Description  5 V mixer/oscillator-PLL synthesizers for hyperband tuners
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6405ATS Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA6405ATS Datasheet HTML 9Page - NXP Semiconductors TDA6405ATS Datasheet HTML 10Page - NXP Semiconductors TDA6405ATS Datasheet HTML 11Page - NXP Semiconductors TDA6405ATS Datasheet HTML 12Page - NXP Semiconductors TDA6405ATS Datasheet HTML 13Page - NXP Semiconductors TDA6405ATS Datasheet HTML 14Page - NXP Semiconductors TDA6405ATS Datasheet HTML 15Page - NXP Semiconductors TDA6405ATS Datasheet HTML 16Page - NXP Semiconductors TDA6405ATS Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
1999 Jan 13
13
Philips Semiconductors
Product specification
5 V mixer/oscillator-PLL synthesizers for
hyperband tuners
TDA6404; TDA6405;
TDA6405A
∆fosc(T)
oscillator frequency drift
with temperature
∆T=25 °C with compensation; worst
case in the frequency range; note 3
−
1300
2000
kHz
∆f
osc(t)
oscillator frequency drift
with time
with compensation; worst case in the
frequency range; note 4
−
600
900
kHz
Φosc
phase noise, carrier to
noise sideband
±100 kHz frequency offset; worst case
in the frequency range
−
106
−
dBc/Hz
RSC(p-p)
ripple susceptibility of VCC
(peak-to-peak value)
VCC = 5 V; worst case in the frequency
range; ripple frequency 500 kHz; note 5
15
40
−
mV
UHF MIXER (INCLUDING IF AMPLIFIER)
fi(RF)
RF input frequency
picture carrier frequency
407.25
−
855.25
MHz
F
noise figure
fRF = 407.25 MHz; not corrected for
image; see Fig.10
−
810
dB
fRF = 855.25 MHz; not corrected for
image; see Fig.10
−
911
dB
Rs
real part of Zi =Rs +jωLs
fRF = 407.25 MHz
−
30
−Ω
fRF = 855.25 MHz
−
38
−Ω
Ls
imaginary part of
Zi =Rs +jωLs
fRF = 407.25 MHz
−
9
−
nH
fRF = 855.25 MHz
−
6
−
nH
Vo
output voltage causing 1%
cross modulation in
channel
fRF = 407.25 MHz; see Fig.7
116
119
−
dB
µV
fRF = 855.25 MHz; see Fig.7
114
117
−
dB
µV
Vi
input voltage causing
pulling in channel (750 Hz)
fRF = 855.25 MHz; note 1
−
78
−
dB
µV
GV
voltage gain
fRF = 407.25 MHz; see Fig.5
35
38
41
dB
fRF = 855.25 MHz; see Fig.5
35
38
41
dB
UHF OSCILLATOR
fosc
oscillator frequency
446.15
−
894.15
MHz
∆f
osc(V)
oscillator frequency shift
with supply voltage
∆VCC = 5%; worst case in the frequency
range; note 2
−
30
80
kHz
∆VCC = 10%; worst case in the
frequency range; note 2
−
80
−
kHz
∆f
osc(T)
oscillator frequency drift
with temperature
∆T=25 °C; with compensation; worst
case in the frequency range; note 3
−
600
1000
kHz
∆f
osc(t)
oscillator frequency drift
with time
with compensation; worst case in the
frequency range; note 4
−
200
400
kHz
Φosc
phase noise, carrier to
noise sideband
±100 kHz frequency offset; worst case
in the frequency range
−
106
−
dBc/Hz
RSC(p-p)
ripple susceptibility of VCC
(peak-to-peak value)
VCC = 5 V; worst case in the frequency
range; ripple frequency 500 kHz; note 5
15
20
−
mV
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com