Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA6405ATS Datasheet(PDF) 24 Page - NXP Semiconductors

Part # TDA6405ATS
Description  5 V mixer/oscillator-PLL synthesizers for hyperband tuners
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6405ATS Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button TDA6405ATS Datasheet HTML 20Page - NXP Semiconductors TDA6405ATS Datasheet HTML 21Page - NXP Semiconductors TDA6405ATS Datasheet HTML 22Page - NXP Semiconductors TDA6405ATS Datasheet HTML 23Page - NXP Semiconductors TDA6405ATS Datasheet HTML 24Page - NXP Semiconductors TDA6405ATS Datasheet HTML 25Page - NXP Semiconductors TDA6405ATS Datasheet HTML 26Page - NXP Semiconductors TDA6405ATS Datasheet HTML 27Page - NXP Semiconductors TDA6405ATS Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
1999 Jan 13
24
Philips Semiconductors
Product specification
5 V mixer/oscillator-PLL synthesizers for
hyperband tuners
TDA6404; TDA6405;
TDA6405A
VT
15
14
VVT
VVT
XTAL
16
13
3.0
3.0
VCC
17
12
supply voltage
5.0
5.0
IFOUT1
18
11
2.2
2.2
IFOUT2
19
10
2.2
2.2
GND
20
9
0.0
0.0
UHFOSCIB1
21
8
note 2
1.9
UHFOSCOC1
22
7
note 2
2.5
UHFOSCOC2
23
6
note 2
2.5
UHFOSCIB2
24
5
note 2
1.9
SYMBOL
PIN
CONFIGURATION(1)
AVERAGE DC VOLTAGE
(V)
TDA6404
TDA6405:
TDA6405A
VHF
UHF
MGK820
15
(14)
MGK821
16
(13)
MGK822
18
(11)
19
(10)
MGK823
20
(9)
MGK824
21
22
24
23
(5)
(6)
(7)
(8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com