Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA6405ATS Datasheet(PDF) 19 Page - NXP Semiconductors

Part # TDA6405ATS
Description  5 V mixer/oscillator-PLL synthesizers for hyperband tuners
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6405ATS Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button TDA6405ATS Datasheet HTML 15Page - NXP Semiconductors TDA6405ATS Datasheet HTML 16Page - NXP Semiconductors TDA6405ATS Datasheet HTML 17Page - NXP Semiconductors TDA6405ATS Datasheet HTML 18Page - NXP Semiconductors TDA6405ATS Datasheet HTML 19Page - NXP Semiconductors TDA6405ATS Datasheet HTML 20Page - NXP Semiconductors TDA6405ATS Datasheet HTML 21Page - NXP Semiconductors TDA6405ATS Datasheet HTML 22Page - NXP Semiconductors TDA6405ATS Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
1999 Jan 13
19
Philips Semiconductors
Product specification
5 V mixer/oscillator-PLL synthesizers for
hyperband tuners
TDA6404; TDA6405;
TDA6405A
Fig.11 Measurement circuit.
The pin numbers in parenthesis represent the TDA6405 and TDA6405A.
handbook, full pagewidth
MGK812
1 (28)
2 (27)
3 (26)
4 (25)
UHFIN1
UHFIN2
VHFIN
RFGND
5 (24)
15 pF
15 pF
1
2
3
6
4
7
8
6 (23)
7 (22)
8 (21)
IFFIL1
IFFIL2
PVHFL
PVHFH
9 (20)
10 (19)
11 (18)
12 (17)
13 (16)
PUHF
AS
SDA
SCL
ADC
P5
P9
CP
14 (15)
(14) 15
(13) 16
(12) 17
(11) 18
VT
XTAL
IFOUT1
(10) 19
(9) 20
(8) 21
(7) 22
(6) 23
VCC
GND
IFOUT2
UHFOSCIB1
UHFOSCOC1
UHFOSCOC2
(5) 24
(4) 25
(3) 26
(2) 27
(1) 28
UHFOSCIB2
VHFOSCIB1
VHFOSCOC2
VHFOSCOC1
TDA6404
(TDA6405)
(TDA6405A)
C1
P1
P2
P3
1 nF
C3
1 nF
C6
1 nF
UHF1
UHF2
VHF
C13
C11
1.2 k
Ω
330
Ω
10
µF
(16 V)
10
µF
(16 V)
VHFH
LED-3Y
330
Ω
VHFL
LED-3R
330
Ω
UHF
R10
R8
R11
330
Ω
330
Ω
R12
R13
LED-3G
D6
D5
D7
R17
50
Ω
R22
R18 1 k
Ω
R19
330
Ω
C27
C28
for test purpose only
for test purpose only
VCC
+VCC
VCC
TR1
BC847B
Vripple
SCL
GND
SDA
+5 V
J7
J5
J1
J2
J3
J4
12345
6
VHFOSCIB2
C17
1 pF
1 pF
1 pF
1 pF
C8
2.2 pF
C16
C7
2.2 pF
C14
C4
R21
R2
2.2 pF
C12
C2
D1
BB149
150 pF
C9
100
pF
D3
BA792
D2
BB152
R9
4.7 k
Ω
L2
30 nH
L4
80 nH
L5
16 nH
C18
10 pF
4.7 nF
C5
4.7 nF
C30
4.7 nF
C10
47 pF
C15
R6
22 k
Ω
22
k
Ω
22
k
Ω
L6
30 nH
1
µH
L1
R4 1.5 k
Ω
R5 2.7 k
Ω
R3 22 k
Ω
R1 1.5 k
Ω
22 k
Ω
R7
D4
BB149
VHFH
VHFL
X1
4 MHz
C25
100 nF
C26
R15 33 k
Ω
2.2 nF
C23
18 pF
R20 68 k
Ω
+33 V
AGND
+5 V
1234
VCC
C22
10 nF
C24
10 nF
L8
80 nH
L9
80 nH
C20
1 nF
C19
1 nF
C21
18 pF
1
2
3
6
L7
4
7
8
IF
OUT
P10
fREF
P4
for test purpose only
L3
TOKO 7 km
L value/C value
R16
22 k
Ω
R14
22 k
Ω
J6
C29 10 nF
TR2
BC847B
+VCC
+VCC
P7
P8
P6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com