Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA6405ATS Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA6405ATS
Description  5 V mixer/oscillator-PLL synthesizers for hyperband tuners
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6405ATS Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA6405ATS Datasheet HTML 17Page - NXP Semiconductors TDA6405ATS Datasheet HTML 18Page - NXP Semiconductors TDA6405ATS Datasheet HTML 19Page - NXP Semiconductors TDA6405ATS Datasheet HTML 20Page - NXP Semiconductors TDA6405ATS Datasheet HTML 21Page - NXP Semiconductors TDA6405ATS Datasheet HTML 22Page - NXP Semiconductors TDA6405ATS Datasheet HTML 23Page - NXP Semiconductors TDA6405ATS Datasheet HTML 24Page - NXP Semiconductors TDA6405ATS Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
1999 Jan 13
21
Philips Semiconductors
Product specification
5 V mixer/oscillator-PLL synthesizers for
hyperband tuners
TDA6404; TDA6405;
TDA6405A
Table 13 Diodes and ICs
Table 14 Coils
COMPONENT
VALUE
D1
BB149
D2
BB152
D3
BA792
D4
BB149
D5
LED-3R
D6
LED-3Y
D7
LED-3G
IC
TDA6404; TDA6405;
TDA6405A
COMPONENT
VALUE
L1
1
µH (inductor)
L2
30 nH
L4
80 nH
L5
16 nH
L6
30 nH
L8
80 nH
L9
80 nH
Table 15 Transformer
Table 16 Crystal
Table 17 Transistors
COMPONENT
VALUE
L3
23 turns
(TOKO, wire 0.07 mm)
L7
N1 = 2
× 5 turns
N2 = 2 turns
(TOKO, wire 0.09 mm)
COMPONENT
VALUE
X1
4 MHz
COMPONENT
VALUE
TR1
BC847B
TR2
BC847B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com