Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA6405ATS Datasheet(PDF) 16 Page - NXP Semiconductors

Part # TDA6405ATS
Description  5 V mixer/oscillator-PLL synthesizers for hyperband tuners
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6405ATS Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button TDA6405ATS Datasheet HTML 12Page - NXP Semiconductors TDA6405ATS Datasheet HTML 13Page - NXP Semiconductors TDA6405ATS Datasheet HTML 14Page - NXP Semiconductors TDA6405ATS Datasheet HTML 15Page - NXP Semiconductors TDA6405ATS Datasheet HTML 16Page - NXP Semiconductors TDA6405ATS Datasheet HTML 17Page - NXP Semiconductors TDA6405ATS Datasheet HTML 18Page - NXP Semiconductors TDA6405ATS Datasheet HTML 19Page - NXP Semiconductors TDA6405ATS Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
1999 Jan 13
16
Philips Semiconductors
Product specification
5 V mixer/oscillator-PLL synthesizers for
hyperband tuners
TDA6404; TDA6405;
TDA6405A
Fig.6 Cross modulation measurement in the VHF band.
(1) N1 is 2
× 5 turns
(2) N2 is 2 turns
Zi >> 50 Ω⇒ Vi =2 × Vmeas; V’meas =Vo − 16 dB (transformer ratio
and transformer loss)
Wanted input signal Vi =80dBµV at wanted fRF = 45.25 MHz (399.25 MHz).
Measured level of the unwanted output signal Vou causing 0,3% AM modulation in the wanted output signal;
unwanted fRF = 50.75 MHz (404.75 MHz); Vou =V’meas +16dB.
N1
N2
--------
5
=
handbook, full pagewidth
unwanted
signal
source
eu
ew
50
Ω
50
Ω
wanted
signal
source
50
Ω
MGL275
D.U.T.
18 dB
attenuator
50
Ω
o
V
FILTER
38.9 MHz
modulation
analyzer
HYBRID
AC
BD
V
RMS
voltmeter
Vi
AM = 30%
meas
V'
VHFIN
IFOUT1
IFOUT2
C
T
50
Ω
V
Vmeas
RMS
voltmeter
(1)
N1
(2)
N2
Fig.7 Cross modulation measurement in the UHF band.
(1) N1 is 2
× 5 turns
(2) N2 is 2 turns
Vi =Vmeas; V’meas =Vo − 16 dB (transformer ratio
and transformer loss)
Wanted input signal Vi =70dBµV at fRF = 407.25 MHz (855.25 MHz).
Measured level of the unwanted output signal Vou causing 0,3% AM modulation in the wanted output signal;
unwanted fRF = 412.75 MHz (860.75 MHz); Vou =V’meas +16dB.
N1
N2
--------
5
=
handbook, full pagewidth
unwanted
signal
source
50
Ω
50
Ω
wanted
signal
source
50
Ω
50
Ω
MGL276
D.U.T.
18 dB
attenuator
50
Ω
o
V
FILTER
38.9 MHz
modulation
analyzer
HYBRID
AC
BD
HYBRID
AC
BD
V
RMS
voltmeter
Vi
AM = 30%
eu
ew
(1)
N1
(2)
N2
UHFIN1 IFOUT1
IFOUT2
UHFIN2
C
T
50
Ω
V
Vmeas
RMS
voltmeter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com