Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA6405ATS Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDA6405ATS
Description  5 V mixer/oscillator-PLL synthesizers for hyperband tuners
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6405ATS Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDA6405ATS Datasheet HTML 13Page - NXP Semiconductors TDA6405ATS Datasheet HTML 14Page - NXP Semiconductors TDA6405ATS Datasheet HTML 15Page - NXP Semiconductors TDA6405ATS Datasheet HTML 16Page - NXP Semiconductors TDA6405ATS Datasheet HTML 17Page - NXP Semiconductors TDA6405ATS Datasheet HTML 18Page - NXP Semiconductors TDA6405ATS Datasheet HTML 19Page - NXP Semiconductors TDA6405ATS Datasheet HTML 20Page - NXP Semiconductors TDA6405ATS Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
1999 Jan 13
17
Philips Semiconductors
Product specification
5 V mixer/oscillator-PLL synthesizers for
hyperband tuners
TDA6404; TDA6405;
TDA6405A
Fig.8 Input circuit for optimum noise figure in the VHF band.
(a) For fRF = 50 MHz:
VHF mixer frequency response measured = 57 MHz;
loss = 0 dB.
Image suppression = 16 dB.
C1 = 9 pF; C2 = 15 pF.
L1 = 7 turns (Ø 5.5 mm; wire Ø = 0.5 mm).
I1 = semi rigid cable (RIM): 5 cm long.
(semi rigid cable (RIM); 33 dB/100 m; 50
Ω; 96 pF/m).
(b) For fRF = 150 MHz:
VHF mixer frequency response measured = 150.3 MHz;
loss = 1.3 dB.
Image suppression = 13 dB.
C3 = 5 pF; C4 = 25 pF.
I2 = semi rigid cable (RIM): 30 cm long.
I3 = semi rigid cable (RIM): 5 cm long
(semi rigid cable (RIM); 33 dB/100 m; 50
Ω; 96 pF/m).
handbook, full pagewidth
MBE286 - 1
L1
C2
C1
PCB
plug
plug
BNC
BNC
RIM-RIM
I1
C4
C3
PCB
RIM-RIM
I3
I2
(a)
(b)
F=Fmeas − loss (of input circuit) (dB).
Fig.9 Noise figure (F) measurement in the VHF band.
handbook, full pagewidth
MGL277
VHFIN IFOUT1
IFOUT2
D.U.T.
NOISE
SOURCE
NOISE
FIGURE
METER
BNC
RIM
INPUT
CIRCUIT
C
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com