Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA6405ATS Datasheet(PDF) 22 Page - NXP Semiconductors

Part # TDA6405ATS
Description  5 V mixer/oscillator-PLL synthesizers for hyperband tuners
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6405ATS Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button TDA6405ATS Datasheet HTML 18Page - NXP Semiconductors TDA6405ATS Datasheet HTML 19Page - NXP Semiconductors TDA6405ATS Datasheet HTML 20Page - NXP Semiconductors TDA6405ATS Datasheet HTML 21Page - NXP Semiconductors TDA6405ATS Datasheet HTML 22Page - NXP Semiconductors TDA6405ATS Datasheet HTML 23Page - NXP Semiconductors TDA6405ATS Datasheet HTML 24Page - NXP Semiconductors TDA6405ATS Datasheet HTML 25Page - NXP Semiconductors TDA6405ATS Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
1999 Jan 13
22
Philips Semiconductors
Product specification
5 V mixer/oscillator-PLL synthesizers for
hyperband tuners
TDA6404; TDA6405;
TDA6405A
INTERNAL PIN CONFIGURATION
SYMBOL
PIN
CONFIGURATION(1)
AVERAGE DC VOLTAGE
(V)
TDA6404
TDA6405:
TDA6405A
VHF
UHF
UHFIN1
1
28
note 2
1.0
UHFIN2
2
27
note 2
1.0
VHFIN
3
26
1.9
note 2
RFGND
4
25
0.0
0.0
IFFIL1
5
24
3.4
3.4
IFFIL2
6
23
3.4
3.4
PVHFL
7
22
0.0 or
(VCC − VCE)
0.0
PVHFH
8
21
(VCC − VCE)
or 0.0
0.0
PUHF
9
20
0.0
(VCC − VCE)
MGE704
1
2
(27)
(28)
MGE705
3
(26)
MGE706
4
(25)
MGD617
6
5
(23)
(24)
MGK814
7
(22)
8
(21)
9
(20)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com