Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8003TS/C1 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA8003TS/C1
Description  I2C-bus SIM card interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8003TS/C1 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8003TS/C1 Datasheet HTML 1Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 2Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 3Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 4Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 5Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 6Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 7Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 8Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
2000 Apr 20
5
Philips Semiconductors
Product specification
I2C-bus SIM card interface
TDA8003TS
PINNING
Note
1. Card presence input with negative current source. To be used with the card reader switch connected to VDDS
or VDDP. The switch is normally closed when the card is not present. If the switch connection is open-circuit or pin 16
is not connected, then the interface will always detect a present card (see Fig.7).
SYMBOL
PIN
DESCRIPTION
PWROFF
1
control input for entering the Off mode (active LOW)
S1
2
capacitor connection for the DC-to-DC converter (between S1 and S2)
PGND
3
power ground
S3
4
capacitor connection for the DC-to-DC converter (between S3 and S4)
VDDP
5
power supply voltage
S4
6
capacitor connection for the DC-to-DC converter (between S3 and S4)
S2
7
capacitor connection for the DC-to-DC converter (between S1 and S2)
VUP
8
DC-to-DC converter output (must be decoupled with 100 nF to ground)
I/O
9
input/output to and from the card reader (C7I); see Fig.7
SGND
10
signal ground
CLK
11
clock output to the card reader (C3I)
VCC
12
supply voltage to the card reader (C1I)
RST
13
reset output to the card reader (C2I)
VDDS
14
signal supply voltage
DEL
15
external capacitor connection for the delay on voltage supervisor
PRES
16
card presence indication input (active LOW); note 1
SIMI/O
17
input/output to and from the microcontroller (internal 20 k
Ω pull-up resistor connected to V
DDI)
VDDI
18
supply voltage for the interface signals with the system
SDA
19
I2C-bus serial data input/output
SCL
20
I2C-bus serial clock input
SIMERR
21
interrupt output (active LOW; internal 100 k
Ω pull-up resistor connected to VDDI)
SAD0
22
I2C-bus slave address selection input
SAD1
23
I2C-bus slave address selection input
SIMCLK
24
external clock input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com