Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8003TS/C1 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8003TS/C1
Description  I2C-bus SIM card interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8003TS/C1 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8003TS/C1 Datasheet HTML 4Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 5Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 6Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 7Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 8Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 9Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 10Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 11Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
2000 Apr 20
8
Philips Semiconductors
Product specification
I2C-bus SIM card interface
TDA8003TS
Power supply
The circuit operates within a supply voltage range of
2.5 to 6 V. The supply pins are VDDS and SGND. Pins
VDDP and PGND only supply the DC-to-DC converter for
the analog drivers to the card and must be decoupled
externally because of the large current spikes that the card
and the DC-to-DC converter can create. An integrated
spike killer ensures the card contacts to remain inactive
during power-up or power-down. An internal voltage
reference is generated for the DC-to-DC converter, the
voltage supervisor and the VCC generator.
All interface signals with the microcontroller (PWROFF,
SIMCLK, SAD1, SAD0, SIMERR, SCL, SDA and SIMI/O)
are referenced to a separate supply pin VDDI, which may
be different from VDD (1.5 ≤ VDDI ≤ 6 V).
The pull-up resistors on bus lines SDA and SCL may be
referenced to a voltage higher than VDDI. This allows the
use of peripherals which do not operate at VDDI.
The voltage supervisor (see Fig.3) senses VDDS. It
generates an alarm pulse, whose length tW is defined by
an external capacitor connected to pin DEL, when VDD is
too low to ensure proper operation (1 ms per 1 nF typical).
During this alarm pulse, SIMERR is LOW and the I2C-bus
is unresponsive. SIMERR goes back to HIGH, and the
I2C-bus becomes operational at the end of this alarm
pulse. Bit SUPL is set as long as the status has not been
read.
It is also used to either block any spurious signals on card
contacts during microcontroller reset, or to force an
automatic deactivation of the contacts in the event of
supply drop-out.
Outside a card session, SIMERR is LOW as long as the
voltage supervisor is active. If a supply drop-out occurs
during a session, SIMERR falls to LOW, bit START is
cleared and an automatic deactivation is initiated.
Fig.3 Voltage supervisor.
handbook, full pagewidth
MGR436
VDDS
DEL
I2C-bus unresponsive
I2C-bus
unresponsive
I2C-bus
unresponsive
I2C-bus OK
status read
after event
I2C-bus OK
SIMERR
tW
tW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com