Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8003TS/C1 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # TDA8003TS/C1
Description  I2C-bus SIM card interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8003TS/C1 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button TDA8003TS/C1 Datasheet HTML 11Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 12Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 13Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 14Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 15Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 16Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 17Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 18Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
2000 Apr 20
15
Philips Semiconductors
Product specification
I2C-bus SIM card interface
TDA8003TS
Pin SDA (open-drain)
VIL
LOW-level input voltage
−0.3
−
+0.3VDDI
V
VIH
HIGH-level input voltage
0.7VDDI
−
6V
ILH
HIGH-level leakage current
−−
1
µA
IIL
LOW-level input current
depends on the pull-up resistor
−−
−µA
VOL
LOW-level output voltage
IOL =3mA
−−
0.3
V
Pin SCL (open-drain)
VIL
LOW-level input voltage
−0.3
−
+0.3VDDI
V
VIH
HIGH-level input voltage
0.7VDDI
−
6V
ILI
input leakage current
−−
1
µA
Pin SIMERR (100 k
Ω pull-up resistor to VDDI)
VOL
LOW-level output voltage
IOL <1mA
−−
0.3VDDI
V
VOH
HIGH-level output voltage
IOH < −1 µA
0.7VDDI
−−
V
Pins SAD0, SAD1 and PWROFF
VIL
LOW-level input voltage
0
−
0.3VDDI
V
VIH
HIGH-level input voltage
0.7VDDI
−
VDDI + 0.3 V
ILI
input leakage current
−−
±1
µA
Pin RST
VO
output voltage
inactive mode; IO =1mA
−0.3
−
+0.4
V
IO
output current
inactive mode; pin RST short circuit
to ground
−−
−1mA
VOL
LOW-level output voltage
IOL = 200 µA
−0.2
−
+0.3
V
VOH
HIGH-level output voltage
IOH < −200 µAVCC − 0.5
−
VCC + 0.2 V
tf
fall time
CL =30pF
−−
0.5
µs
tr
rise time
CL =30pF
−−
0.5
µs
Pin CLK
VO
output voltage
inactive mode; IO =1mA
−0.3
−
+0.4
V
IO
output current
inactive mode; pin CLK short circuit
to ground
−−
−1mA
VOL
LOW-level output voltage
IOL = 200 µA
−0.2
−
+0.3
V
VOH
HIGH-level output voltage
IOH = −200 µAVCC − 0.5
−
VCC + 0.2 V
tf
fall time
CL =30pF
−−
8ns
tr
rise time
CL =30pF
−−
8ns
fclk
clock frequency
1 MHz power-down configuration
1
−
1.5
MHz
regular activity
0
−
10
MHz
δ
duty factor
CL =30pF
45
−
55
%
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com