Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8003TS/C1 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8003TS/C1
Description  I2C-bus SIM card interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8003TS/C1 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8003TS/C1 Datasheet HTML 1Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 2Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 3Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 4Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 5Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 6Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 7Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 8Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
2000 Apr 20
3
Philips Semiconductors
Product specification
I2C-bus SIM card interface
TDA8003TS
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD
supply voltage on pins VDDS
and VDDP
2.5
−
6V
IDD
supply current on pins VDDS
and VDDP
Off mode; VDD =3V
−−
2
µA
Power-down mode; VDD =3V;
VCC =5V; ICC = 100 µA; SIMCLK
connected to PGND or VDDI;
CLK is stopped
−−
500
µA
active mode; VDD =3V; VCC =3V;
ICC = 6 mA; fCLK = 3.25 MHz
−−
18
mA
active mode; VDD = 3 V; VCC =5V;
ICC = 10 mA; fCLK = 3.25 MHz
−−
50
mA
active mode; VDD = 5 V; VCC =3V;
ICC = 6 mA; fCLK = 3.25 MHz
−−
10
mA
active mode; VDD = 5 V; VCC =5V;
ICC = 10 mA; fCLK = 3.25 MHz
−−
30
mA
VDDI
interface signal supply voltage
1.5
−
6V
VCC
card supply voltage
5 V card; active mode;
0<ICC < 15 mA; 40 nAs dynamic
load on 200 nF capacitor
4.6
5
5.4
V
3 V card; active mode;
0<ICC < 10 mA; 24 nAs dynamic
load on 200 nF capacitor
2.75
3
3.25
V
5 V card; bit PDOWN = 1; ICC < 5 mA 4.6
−
5.4
V
3 V card; bit PDOWN = 1; ICC < 5 mA 2.75
−
3.25
V
SR
slew rate on VCC (rise and fall)
CL(max) = 200 nF
0.05
−
0.25
V/
µs
tde
deactivation time
−−
120
µs
tact
activation time
−−
150
µs
fi(SIMCLK)
clock input frequency
0
−
20
MHz
Tamb
operating ambient temperature
−40
−
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com