Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8003TS/C1 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA8003TS/C1
Description  I2C-bus SIM card interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8003TS/C1 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA8003TS/C1 Datasheet HTML 3Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 4Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 5Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 6Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 7Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 8Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 9Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 10Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
2000 Apr 20
7
Philips Semiconductors
Product specification
I2C-bus SIM card interface
TDA8003TS
Table 2
Description of the command bits; (all bits are cleared at reset)
Table 3
Clock to the card at power-down
Table 4
Description of the status bits; note 1
Note
1. In case of card extraction, supply drop-out or overload detection within a session, the card will be automatically
deactivated, SIMERR pulled LOW, bit START = 0 and the corresponding status bit = 1. The status bit will be logic 0
and SIMERR will be released when the microcontroller reads out the status register, on the 7th SCL pulse. After a
supply drop-out, SIMERR will be released at the end of the alarm pulse and bit SUPL = 1.
SYMBOL
BIT
DESCRIPTION
START/STOP
0
Logic 1 initiates an activation sequence and a cold reset procedure. Logic 0 initiates a
deactivation sequence.
WARM
1
Logic 1 initiates a warm reset procedure. TDA8003TS/C1: warm reset performed only
when the 2 times 45000 CLK pulses have expired without answer from the card.
TDA8003TS/C2: warm reset performed whatever the card has answered or not at the
cold reset procedure but the count is 2 times 44745 CLK pulses.
3 V/5 VN
2
Logic 1 sets the card supply voltage VCC to 3 V. Logic 0 sets VCC to 5 V.
PDOWN
3
Logic 1 applies on CLK the frequency defined by bits CLKPD1 and CLKPD2, and
enters a reduced consumption mode. Logic 0 sets the circuit back to normal mode.
CLKPD1
4
Bits 4 and 5 determine the clock to the card at power-down as shown in Table 3.
CLKPD2
5
DT/DFN
6
Logic 1 sets fCLK to 1⁄2fSIMCLK (in active mode). Logic 0 sets fCLK to 1⁄4fSIMCLK.
I/OEN
7
Logic 1 will transfer I/O to SIMI/O. Logic 0 sets I/O and SIMI/O to high-impedance.
BIT 4
BIT 5
FUNCTION
0
0
clock stop LOW
0
1
clock stop HIGH
1
0
clock is 1
⁄2fosc
1
1
no change
SYMBOL
BIT
DESCRIPTION
PRES
0
Logic 1 when the card is present. Logic 0 when the card is not present.
PRESL
1
Logic 1 when the card has been extracted or inserted. Logic 0 when the status is
read-out.
−
2
Bit 2 is not used and is fixed to logic 0.
SUPL
3
Logic 1 when the voltage supervisor has signalled a fault. Logic 0 when the status is
read-out.
PROT
4
Logic 1 when an overload has occurred during a session. Logic 0 when the status is
read-out.
MUTE
5
TDA8003TS/C1: Logic 1 when a card has not answered after 2 times 45000 CLK
pulses. Logic 0 when the status is read-out.
TDA8003TS/C2: Same as for C1, but the count is 2 times 44745 CLK pulses.
EARLY
6
Logic 1 when a card has answered between 200 and 352 CLK cycles. Logic 0 when
the status is read-out.
ACTIVE
7
Logic 1 when the card is power-on. Logic 0 when the card is power-off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com