Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8003TS/C1 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # TDA8003TS/C1
Description  I2C-bus SIM card interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8003TS/C1 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button TDA8003TS/C1 Datasheet HTML 12Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 13Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 14Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 15Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 16Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 17Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 18Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 19Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
2000 Apr 20
16
Philips Semiconductors
Product specification
I2C-bus SIM card interface
TDA8003TS
Pin VCC
VO
output voltage
inactive mode; IO =1mA
−−
0.4
V
active mode; 5 V card; no load
4.85
5.10
5.40
V
active mode; 3 V card; no load
2.8
3.05
3.22
V
active mode; with 200 nF capacitor;
including static load (up to 20 mA)
and dynamic current pulses;
Imax = 200 mA, fmax = 5 MHz;
duration <400 ns
5 V card; 40 nAs pulses
4.60
−
5.40
V
3 V card; 24 nAs pulses
2.75
−
3.22
V
IO
output current
inactive mode; pin VCC short circuit
to ground
−−
−1mA
VCC =5or3V; VDD = 2.5 V
−−
15
mA
VCC =5or3V; VDD = 5.5 V
−−
40
mA
I
CC
output current
VCC short circuit to ground
−−
120
mA
SR
slew rate on VCC (rise and fall) CL(max) = 300 nF
0.05
0.17
0.25
V/
µs
Pin I/O
VO
output voltage
inactive mode; IO =1mA
−−
0.4
V
IO
output current
inactive mode; pin I/O short circuit
to ground
−−
−1mA
VOL
LOW-level output voltage
IOL =1mA
−0.2
−
+0.4
V
VOH
HIGH-level output voltage
+25 < IOH < −25 µA
0.8VCC
−
VCC + 0.2 V
VIL
LOW-level input voltage
−0.3
−
+0.8
V
VIH
HIGH-level input voltage
1.5
−
VCC + 0.3 V
ILIH
HIGH-level input leakage
current
−−
10
µA
IIL
LOW-level input current
−−
−600
µA
tt(DI)
data input transition time
CL =30pF
−−
1
µs
tt(DO)
data output transition time
CL =30pF
−−
0.5
µs
td
delay time on falling edge
−−
500
ns
Rpu(int)
internal pull-up resistance
between pins I/O and VCC
C1 version
8
−
13
k
Ω
C2 version
13
−
18
k
Ω
Pin SIMI/O
VOL
LOW-level output voltage
IOL =1mA
−0.2
−
+0.3
V
VOH
HIGH-level output voltage
with internal 20 k
Ω pull-up resistor
to VDDI; IO =10 µA
VDDI − 0.3 −
VDDI + 0.2 V
VIL
LOW-level input voltage
−0.3
−
+0.3VDDI
V
VIH
HIGH-level input voltage
0.7VDDI
−
VDDI + 0.3 V
ILIH
HIGH-level input leakage
current
−−
10
µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com