Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8003TS/C1 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # TDA8003TS/C1
Description  I2C-bus SIM card interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8003TS/C1 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button TDA8003TS/C1 Datasheet HTML 10Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 11Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 12Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 13Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 14Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 15Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 16Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 17Page - NXP Semiconductors TDA8003TS/C1 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
2000 Apr 20
14
Philips Semiconductors
Product specification
I2C-bus SIM card interface
TDA8003TS
CHARACTERISTICS
VDD =3V; VDDI = 1.5 V; fSIMCLK = 13 MHz; fCLK = 3.25 MHz; Tamb =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VDD
supply voltage on pins VDDS
and VDDP
2.5
−
6.0
V
IDD
supply current on pins VDDS
and VDDP
Off mode
−−
2
µA
inactive mode
−−
50
µA
Power-down mode; VCC =5V;
ICC = 100 µA; SIMCLK connected
to SGND or VDDI; CLK is stopped
−−
500
µA
active mode; VCC =3V; ICC =6mA −−
18
mA
active mode; VCC =5V;
ICC =10mA
−−
50
mA
active mode; VDD =5V; VCC =3V;
ICC =6mA
−−
10
mA
active mode; VDD =5V; VCC =5V;
ICC =10mA
−−
30
mA
VDDI
interface signal supply voltage
1.5
−
6V
IDDI
interface signals supply
current
SIMCLK connected to
PGND or VDDI
−−
2
µA
fSIMCLK = 13 MHz; VDDI = 1.5 V
−−
120
µA
Vth(VDD)
threshold voltage on VDD
falling edge
2
−
2.3
V
Vhys
hysteresis voltage on Vth(VDD)
40
−
200
mV
Vth(DEL)
threshold voltage on pin DEL
−
1.38
−
V
VDEL
voltage on pin DEL
−−
VDD
V
Ich(DEL)
charge current on pin DEL
−0.5
−1
−2.5
µA
Idch(DEL)
discharge current on pin DEL
VDEL =VDD
0.5
−−
mA
tW
alarm pulse width
CDEL =10nF
15
−
25
ms
Pin SIMCLK
fi(SIMCLK)
clock input frequency
0
−
20
MHz
tf
fall time
−−
1
µs
tr
rise time
−−
1
µs
VIL
LOW-level input voltage
0
−
0.3VDDI
V
VIH
HIGH-level input voltage
0.7VDDI
−
VDDI + 0.3 V
IL
leakage current
−−
±3
µA
DC-to-DC converter
1
⁄2fosc
oscillator frequency
1
−
1.6
MHz
VVUP
voltage on pin VUP
5 V card
−
6.0
−
V
3 V card
−
4.5
−
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com