Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2240 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2240
Description  Programmable Timer/Counter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2240 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2240 Datasheet HTML 1Page - National Semiconductor (TI) LM2240 Datasheet HTML 2Page - National Semiconductor (TI) LM2240 Datasheet HTML 3Page - National Semiconductor (TI) LM2240 Datasheet HTML 4Page - National Semiconductor (TI) LM2240 Datasheet HTML 5Page - National Semiconductor (TI) LM2240 Datasheet HTML 6Page - National Semiconductor (TI) LM2240 Datasheet HTML 7Page - National Semiconductor (TI) LM2240 Datasheet HTML 8Page - National Semiconductor (TI) LM2240 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Storage Temperature Range
Molded DIP
b
65 Cto a150 C
Lead Temperature
Molded DIP (Soldering 10 Sec)
265 C
Power Dissipation (Note 2)
18W
Junction Temperature
150 C
Supply Voltage
18V
Output Current
10 mA
Output Voltage
18V
Regulator Output Current
50 mA
ESD Tolerance (Note 3)
2000V
Operating Ratings
Temperature Range
0 Cto70 C
Supply Range (Note 4)
4V to 15V
LM2240
Electrical Characteristics
TA ea25 C VCC ea50V R e 10 kX C e01 mF unless otherwise specified See Block Diagram
Symbol
Characteristic
Conditions
Min
Typ
Max
Units
GENERAL CHARACTERISTIC
ICC
Supply
Total Circuit
VCC e 50V VTR e 0V VRS e 50V
40
70
Current
VCC e 15V VTR e 0V VRS e 50V
13
18
mA
Counter Only
15
VREG
Regulator Output
Measured at Pin 15
VCC e 50V
39
44
V
VCC e 15V
58
63
68
TIME-BASE
tACC
Timing Accuracy
VRS e 0 VTR e 50V
35
50
%
(Note 5)
D
t DT
Timing Shift
0 C s TJ s 70 CVCC e 50V
200
ppm C
with Temperature
VCC e 15V
80
D
t DV
Timing Shift
VCC t 80V
008
03
%V
with Supply
fMAX
Max Frequency
R e 10 kX C e 0007 mF
130
kHz
VMOD
Modulation Voltage Level
Measured at Pin 12
VCC e 50V
280
350
420
V
VCC e 15V
105
RT
Recommended Range
0001
10
MX
of Timing Resistor
CT
Recommended Range
001
1000
m
F
of Timing Capacitor (Note 6)
Note 1
Absolute maximum ratings indicate limits beyond which damage to the component may occur
Note 2
Rating applies to ambient temperature at 25 C Above this temperature derate at 15 mW C
Note 3
Human body model C e 100 pF RS e 1500X
Note 4
For operation below 45 VDC short pin 15 to pin 16
Note 5
Timing error solely introduced by LM2240 measured as % of ideal time-base period of T e RC
Note 6
Under the conditions of high supply voltages (VCC l 70V) and low values of timing capacitor (CT k 01 mF) a 600 pF capacitor may need to be connected
from pin 14 to ground to ensure proper operation
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com