Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2240 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2240
Description  Programmable Timer/Counter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2240 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2240 Datasheet HTML 2Page - National Semiconductor (TI) LM2240 Datasheet HTML 3Page - National Semiconductor (TI) LM2240 Datasheet HTML 4Page - National Semiconductor (TI) LM2240 Datasheet HTML 5Page - National Semiconductor (TI) LM2240 Datasheet HTML 6Page - National Semiconductor (TI) LM2240 Datasheet HTML 7Page - National Semiconductor (TI) LM2240 Datasheet HTML 8Page - National Semiconductor (TI) LM2240 Datasheet HTML 9Page - National Semiconductor (TI) LM2240 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Circuit Controls (Continued)
VCC e Pin 16
GND e Pin 9
TLH10837 – 9
FIGURE 6 Low Power Operation of Cascaded Timers
Monostable Operation
Precision Timing
In precision timing applications the LM2240 is used in its
monostable or self-resetting mode The generalized circuit
connection for this application is shown in
Figure 3
(S1 closed) The output is normally HIGH and goes LOW
following a trigger input It remains LOW for the time dura-
tion (TO) and then returns to a HIGH state The duration of
the timing cycle TO is given as
TO e nT e NRC
where T e RC is the time-base period as set by the choice
of timing components at RC pin 13 (see Performance
Curves) and n is an integer in the range of 1 s n s 255 as
determined by the combination of counter outputs (O0
O128) pins 1 through 8 connected to the output bus
Counter Output Programming
The binary counter outputs O0
O128 pins 1 through 8
are open collector type stages and can be shorted together
to a common pull-up resistor to form a wired-OR connec-
tion the combined output will be LOW as long as any one of
the outputs is LOW The time delays associated with each
counter output can thus be added together This is done by
simply shorting the outputs together to form a common out-
put bus as shown in
Figure 3 For example if only pin 6 is
connected to the output and the rest left open the total
duration of the timing cycle TO is 32T Similarly if pins 1 5
and 6 are shorted to the output bus the total time delay is
TO e (1 a 16 a 32) T e 49T In this manner by proper
choice of counter terminals connected to the output bus
the timing cycle can be programmed to be 1T s TO
s
255T
Ultra Long Time Delay Application
Two LM2240 units can be cascaded as shown in
Figure 7 to
generate extremely long time delays Total timing cycle of
two cascaded units can be programmed from TO e 256 RC
to TO e 65280 RC in 256 discrete steps by selectively
shorting one or more of the counter outputs from Unit 2 to
the output bus In this application the reset and the trigger
terminals of both units are tied together and the Unit 2 time
base is disabled Normally the output is HIGH when the
system is reset On triggering the output goes LOW where it
remains for a total of 256 (255) or 65280 cycles of the time-
base oscillator
In cascaded operation the time-base section of Unit 2 can
be powered down to reduce power consumption by using
the circuit connection of
Figure 6 In this case the VCC ter-
minal (pin 16) of Unit 2 is left open and the second unit is
powered from the regulator output of Unit 1 by connecting
the VREG (pin 15) of both units together
Astable Operation
The LM2240 can be operated in its astable or free running
mode by disconnecting the reset terminal (pin 10) from the
counter outputs Two typical circuits are shown in
Figures 8
and
9 The circuit in Figure 8 operates in its free running
mode with external trigger and reset signals It starts count-
ing and timing following a trigger input until an external reset
pulse is applied Upon application of a positive going reset
signal to pin 10 the circuit reverts back to its reset state
This circuit is essentially the same as that of
Figure 3 with
the feedback switch S1 open
The circuit of
Figure 9 is designed for continuous operation
It self triggers automatically when the power supply is
turned on and continues to operate in its free running mode
indefinitely In astable or free running operation each of the
counter outputs can be used individually as synchronized
oscillators or they can be interconnected to generate com-
plex pulse patterns
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com