Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2240 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2240
Description  Programmable Timer/Counter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2240 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2240 Datasheet HTML 1Page - National Semiconductor (TI) LM2240 Datasheet HTML 2Page - National Semiconductor (TI) LM2240 Datasheet HTML 3Page - National Semiconductor (TI) LM2240 Datasheet HTML 4Page - National Semiconductor (TI) LM2240 Datasheet HTML 5Page - National Semiconductor (TI) LM2240 Datasheet HTML 6Page - National Semiconductor (TI) LM2240 Datasheet HTML 7Page - National Semiconductor (TI) LM2240 Datasheet HTML 8Page - National Semiconductor (TI) LM2240 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Electrical Characteristics
TA ea25 C VCC ea50V R e 10 kX C e01 mF unless otherwise specified See Block Diagram
Symbol
Characteristic
Conditions
Min
Typ
Max
Units
TRIGGERRESET CONTROLS
VTR
Trigger Threshold
Measured at Pin 11
14
20
V
VRS e 0V
ITR
Trigger Current
VRS e 0V VTR e 20V
10
m
A
ZT
Trigger Impedance
25
kX
tRSPT
Trigger Response Time
10
m
s
(Note 7)
VRS
Reset Threshold
Measured at Pin 10 VTR e 0V
14
20
V
IR
Reset Current
VTR e 0V VRS e 20V
10
m
A
ZR
Reset Impedance
25
kX
tRSPT
Reset Response Time
08
m
s
(Note 7)
COUNTER
TRMAX
Max Toggle Rate
Measured at Pin 14
15
MHz
VRS e 0V VTR e 50V
ZI
Input Impedance
20
kX
VTH
Input Threshold
10
14
V
tr
Output Rise Time
Measured at Pins 1 through 8
180
ns
tf
Output Fall Time
RL e 30 kX CL e 10 pF
180
I
O
b
Sink Current
VOL s 04V
20
40
mA
ICEX
Leakage Current
VOH e 15V
001
15
m
A
Note 7
Propagation delay from application of trigger or reset input to corresponding state change in counter output at Pin 1
Block Diagram
TLH10837 – 2
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com