Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2240 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2240
Description  Programmable Timer/Counter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2240 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM2240 Datasheet HTML 2Page - National Semiconductor (TI) LM2240 Datasheet HTML 3Page - National Semiconductor (TI) LM2240 Datasheet HTML 4Page - National Semiconductor (TI) LM2240 Datasheet HTML 5Page - National Semiconductor (TI) LM2240 Datasheet HTML 6Page - National Semiconductor (TI) LM2240 Datasheet HTML 7Page - National Semiconductor (TI) LM2240 Datasheet HTML 8Page - National Semiconductor (TI) LM2240 Datasheet HTML 9Page - National Semiconductor (TI) LM2240 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Circuit Controls
Counter Outputs (O0
O128 Pins1 thru 8)
The binary counter outputs are buffered open collector type
stages as shown in the block diagram Each output is capa-
ble of sinking 20 mA at 04V VOL In the reset condition all
the counter outputs are HIGH or in the nonconducting state
Following a trigger input the outputs change state in ac-
cordance with the timing diagram of
Figure 2 The counter
outputs can be used individually or can be connected to-
gether in a wired-OR configuration as described in the pro-
gramming segment of this datasheet
Reset and Trigger Inputs (R and TRIG Pins 10 and 11)
The circuit is reset or triggered with positive-going control
pulses applied to pins 10 and 11 respectively The threshold
level for these controls is approximately two diode drops (
14V) above ground Minimum pulse widths for reset and
trigger inputs are shown in the Performance Curves Once
triggered the circuit is immune to additional trigger inputs
until the end of the timing cycle
Modulation and Sync Input (MOD Pin 12)
The oscillator time-base period (T) can be modulated by
applying a DC voltage to MOD pin 12 (see Performance
Curves) Also the time-base oscillator can be synchronized
to an external clock by applying a sync pulse to MOD pin 12
as shown in
Figure 4 Recommended sync pulse widths and
amplitudes are also given
TLH10837 – 7
FIGURE 4 Operation with External Sync Signal
The time-base can be synchronized by setting the sync
pulse period (TS) to be an integer multiple of T This can be
done by choosing the timing components R and C at pin 13
such that
T e RC e (TS m)
where
m is an integer 1 s m s 10
Figure 5 gives the typical pull-in range for harmonic synchro-
nization for various harmonic modulus m For m k 10 typi-
cal pull-in range is greater than g4% of the time-base fre-
quency
RC Terminal (Pin 13)
The time-base period T is determined by the external RC
network connected to RC pin 13 When the time-base is
triggered the waveform at pin 13 is an exponential ramp
with a period T e 1 RC
TLH10837 – 8
FIGURE 5 Typical Pull-in Range
for Harmonic Synchronization
Time-Base Output (TBO Pin 14)
The time-base output is an open-collector type stage as
shown in the block diagram and requires a 20 kX pull-up
resistor to pin 15 for proper circuit operation In the reset
state the time-base output is HIGH After triggering it pro-
duces a negative-going pulse train with a period T e RC as
shown in the diagram of
Figure 2 The time-base output is
internally connected to the binary counter section and can
also serve as the input for the external clock signal when
the circuit is operated with an external time base The coun-
ter section triggers on the negative-going edge of the timing
or clock pulses generated at TBO pin 14 The trigger
threshold for the counter section is
a
14V The counter
section can be disabled by clamping the voltage level at pin
14 to ground
When using high supply voltage (VCC l 70V) and a small
value timing capacitor (CT k 01 mF) the pulse width at
TBO pin 14 may be too narrow to trigger the counter sec-
tion This can be corrected by connecting a 600 pF capaci-
tor from pin 14 to ground
Regulator Output (VREG Pin 15)
The regulator output VREG is used internally to power the
binary counter and the control logic This terminal can also
be used as a supply to additional LM2240 circuits when
several timer circuits are cascaded (see
Figure 6 ) to mini-
mize power dissipation For circuit operation with an exter-
nal clock VREG can be used as the VCC input terminal so
that the internal time-base circuitry is not powered thus re-
ducing power dissipation When supply voltages less than
45V are used with the internal time-base pin 15 should be
shorted to pin 16
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com