Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2240 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2240
Description  Programmable Timer/Counter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2240 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM2240 Datasheet HTML 2Page - National Semiconductor (TI) LM2240 Datasheet HTML 3Page - National Semiconductor (TI) LM2240 Datasheet HTML 4Page - National Semiconductor (TI) LM2240 Datasheet HTML 5Page - National Semiconductor (TI) LM2240 Datasheet HTML 6Page - National Semiconductor (TI) LM2240 Datasheet HTML 7Page - National Semiconductor (TI) LM2240 Datasheet HTML 8Page - National Semiconductor (TI) LM2240 Datasheet HTML 9Page - National Semiconductor (TI) LM2240 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Astable Operation (Continued)
VCC e Pin 16
TLH10837 – 10
GND e Pin 9
FIGURE 7 Cascaded Operation for Long Delays
Binary Pattern Generation
In astable operation as shown in
Figures 8 and 9 the out-
put of the LM2240 appears as a complex pulse pattern if
more than one of its switches is closed The waveform of
the output pulse train can be determined directly from the
timing diagram of
Figure 2 which shows the phase relations
between the counter outputs
Figures 10 and 11 show some
of the complex pulse patterns that can be generated The
pulse pattern repeats itself at a rate equal to the period of
the highest counter bit connected to the common output
bus The minimum pulse width contained in the pulse train is
determined by the lowest counter bit connected to the out-
put
VCC e Pin 16
GND e Pin 9
TLH10837 – 11
FIGURE 8 Astable Operation
with Trigger and Reset Inputs
VCC e Pin 16
GND e Pin 9
TLH10837 – 12
FIGURE 9 Free Running Astable Operation
TLH10837 – 13
FIGURE 10 Binary Pulse Patterns Obtained
by Shorting Various Counter Outputs
8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com