Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2240 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2240
Description  Programmable Timer/Counter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2240 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2240 Datasheet HTML 1Page - National Semiconductor (TI) LM2240 Datasheet HTML 2Page - National Semiconductor (TI) LM2240 Datasheet HTML 3Page - National Semiconductor (TI) LM2240 Datasheet HTML 4Page - National Semiconductor (TI) LM2240 Datasheet HTML 5Page - National Semiconductor (TI) LM2240 Datasheet HTML 6Page - National Semiconductor (TI) LM2240 Datasheet HTML 7Page - National Semiconductor (TI) LM2240 Datasheet HTML 8Page - National Semiconductor (TI) LM2240 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Functional Description
TLH10837 – 4
VCC e Pin 16
GND e Pin 9
FIGURE 1 Logic Symbol
When power is applied to the LM2240 with no trigger or
reset inputs activated the circuit starts with all outputs
HIGH Application of a positive going trigger pulse to the
trigger pin initiates the timing cycle The trigger input acti-
vates the time-base oscillator enables the counter section
and sets the counter outputs LOW The time-base oscillator
generates timing pulses with a period T e 1 RC this is the
period of the waveform appearing at pin 14 These clock
pulses are counted by the binary counter section The tim-
ing sequence is completed when a positive going reset
pulse is applied to the Reset pin
Once triggered the circuit is immune from additional trigger
inputs until the timing cycle is completed or a reset input is
applied If both the reset and trigger are activated simulta-
neously the trigger takes precedence
Figure 2 gives the timing sequence of output waveforms at
various circuit terminals subsequent to a trigger input
When the circuit is in a reset state both the time-base and
the counter sections are disabled and all the counter out-
puts are HIGH
TLH10837 – 5
FIGURE 2 Timing Diagram of Output Waveforms
In monostable applications one or more of the counter out-
puts are connected to the reset terminal with S1 closed
(Figure 3) The circuit starts timing when a trigger is applied
and automatically resets itself to complete the timing cycle
when a programmed count is completed Each of the vari-
ous multiplies of T shown at the LM2240’s outputs in
Figure
3 represent the duration of time after a trigger pulse that
that particular output is low (it’s
not the period of the wave-
form) if the output is not tied to any other outputs TO repre-
sents the duration of time that the circuit output which is the
common point of all the counter outputs which are shorted
together is low If none of the counter outputs are connect-
ed back to the reset terminal (switch S1 open) the circuit
operates in an astable or free running mode following a
trigger input
TLH10837 – 6
FIGURE 3 Basic Circuit Connection
for Timing Applications
(Monostable S1 Closed Astable S1 Open)
Important Operating Information
Ground connection is pin 9
Reset (R) (pin 10) sets all outputs HIGH
Trigger (TRIG) (pin 11) sets all outputs LOW
Time-base output (TBO) (pin 14) can be disabled by bring-
ing the RC input (pin 13) LOW via a 10 kX resistor
Normal TBO (pin 14) is a negative going pulse greater than
500 ns
NOTE Under the conditions of high supply voltages (VCC l 70V) and low
values of timing capacitor (CT k 01 mF) the pulse width of TBO
may be too narrow to trigger the counter section This can be cor-
rected by connecting a 600 pF capacitor from TBO (pin 14) to
ground (pin 9)
Reset (pin 10) stops the time-base oscillator
Outputs (O0
O128) (pins 1–8) sink 20 mA current with
VOL s 04V
For use with external clock minimum clock pulse amplitude
should be 30V with greater than 10 ms pulse duration
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com